Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GWS
Description  Vitreous Wirewound Resistors with Lugs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GWS Datasheet(HTML) 2 Page - Vishay Siliconix

  GWS Datasheet HTML 1Page - Vishay Siliconix GWS Datasheet HTML 2Page - Vishay Siliconix GWS Datasheet HTML 3Page - Vishay Siliconix GWS Datasheet HTML 4Page - Vishay Siliconix GWS Datasheet HTML 5Page - Vishay Siliconix GWS Datasheet HTML 6Page - Vishay Siliconix GWS Datasheet HTML 7Page - Vishay Siliconix GWS Datasheet HTML 8Page - Vishay Siliconix GWS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GWS, GWS E, GWS Ni
www.vishay.com
Vishay Draloric
Revision: 19-Jul-16
2
Document Number: 21003
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The operating temperature range for these resistors is from -55 °C up to 350 °C.
(1) Resistance values are to be selected for ± 10 % from the E12 series, and for ± 5 %, ± 3 % and ± 2 % from the E24 series.
GWS 75
16 x 100
65 W
7.5
 to 130 k
± 5 %, ± 10 %
800 V
+100 ppm/K to
+180 ppm/K
15
 to 39 k
± 3 %
30
 to 130 k
± 2 %
GWS 75 E
45 W
18
 to 3.9 k
± 5 %, ± 10 %
GWS 75 Ni
22
 to 6.2 k
GWS 100
24 x 100
80 W
6.8
 to 110 k
± 5 %, ± 10 %
600 V
20
 to 51 k
± 3 %
75
 to 110 k
± 2 %
GWS 100 E
60 W
13
 to 5.1 k
± 5 %, ± 10 %
GWS 100 Ni
24
 to 6.8 k
GWS 220
24 x 165
160 W
13
 to 160 k
± 5 %, ± 10 %
1250 V
30
 to 100 k
± 3 %
56
 to 160 k
± 2 %
GWS 220 E
120 W
30
 to 10 k
± 5 %, ± 10 %
GWS 220 Ni
51
 to 16 k
GWS 300
24 x 265
300 W
24
 to 300 k
± 5 %, ± 10 %
2500 V
51
 to 150 k
± 3 %
110
 to 300 k
± 2 %
GWS 300 E
200 W
56
 to 20 k
± 5 %, ± 10 %
GWS 300 Ni
100
 to 30 k
GWS 500
34 x 330
500 W
39
 to 270 k
± 5 %, ± 10 %
3000 V
100
 to 240 k
± 3 %
75
 to 270 k
± 2 %
GWS 500 E
300 W
100
 to 36 k
± 5 %, ± 10 %
GWS 30/100
34 x 100
150 W
9.1
 to 100 k
± 5 %, ± 10 %
1600 V
27
 to 100 k
± 2 %
GWS 30/100 E
110 W
22
 to 8.2 k
± 5 %, ± 10 %
GWS 30/133
34 x 133
200 W
13
 to 160 k
± 5 %, ± 10 %
2300 V
27
 to 160 k
± 2 %
GWS 30/133 E
130 W
36
 to 13 k
± 5 %, ± 10 %
TECHNICAL SPECIFICATION
TYPE /
VARIANT
DIN
SIZE
RATED
DISSIPATION
P40
RESISTANCE
RANGE (1)
RESISTANCE
TOLERANCE
OPERATING
VOLTAGE
Umax.
TEMPERATURE
COEFFICIENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com