Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # STA
Description  Wet Tantalum Capacitors with Hermetic Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STA Datasheet(HTML) 2 Page - Vishay Siliconix

  STA Datasheet HTML 1Page - Vishay Siliconix STA Datasheet HTML 2Page - Vishay Siliconix STA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STA
www.vishay.com
Vishay
Revision: 13-Oct-2020
2
Document Number: 43013
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
AT 25 °C
120 Hz
(μF)
CASE
CODE
MAX. ESR
(
)
MAX. DCL
(μA)
MAX. DF
AT 120 Hz
(%)
MAX. IMP
AT - 55 °C
AND
120 Hz
(
)
MAX.
CAPACITANCE
CHANGE (%)
AC RIPPLE
85 °C
40 kHz
(mA)
RMS
PART NUMBER (1)
120 Hz
140 Hz
25 °C
85 °C
-55 °C
85 °C
6 VDC AT 85 °C
470
T1
0.9
0.4
1
3
46
12
-75
+10
1500
STA470-6T1MI
1500
T2
0.7
0.3
3
8
101
9
-80
+10
2200
STA1500-6T2MI
3300
T3
0.5
0.2
8
30
150
7
-90
+18
2800
STA3300-6T3MI
4700
T4
0.3
0.2
10
35
155
5
-90
+18
3500
STA4700-6T4MI
10 VDC AT 85 °C
330
T1
1.0
0.5
1
3
35
15
-70
+8
1400
STA330-10T1MI
1000
T2
0.8
0.3
3
10
70
8
-80
+10
2200
STA1000-10T2MI
2200
T3
0.5
0.3
5
30
109
6
-85
+15
2800
STA2200-10T3MI
3300
T4
0.4
0.2
8
30
119
3
-85
+18
3500
STA3300-10T4MI
15 VDC AT 85 °C
150
T1
1.1
0.5
1
3
16
25
-45
+8
1400
STA150-15T1MI
680
T2
0.8
0.3
2
10
49
10
-65
+10
2200
STA680-15T2MI
1500
T3
0.6
0.2
5
25
81
9
-80
+10
2700
STA1500-15T3MI
2700
T4
0.4
0.2
4
25
109
4
-80
+15
3400
STA2700-15T4MI
Note
(1) Part numbers shown are for units with ± 20 % capacitance tolerance and insulated capacitors.
For units with ± 10 % capacitance tolerance change the letter “M” to “K”.
For units without insulation, substitute “X” with “I” at the end of the part number.
For RoHS-compliant add the “E3” for suffix
RIPPLE CURRENT MULTIPLIERS VS. FREQUENCY, TEMPERATURE, AND APPLIES PEAK VOLTAGE
FREQUENCY OF
APPLIED RIPPLE
CURRENT
120 Hz
800 Hz
1 kHz
10 kHz
40 kHz
100 kHz
AMBIENT STILL
AIR TEMP. IN °C
 55 85 105 125  55 85 105 125  55 85 105 125  55 85 105 125  55 85 105 125  55 85 105 125
% of
85 °C
rated
peak
voltage
100 % 0.60 0.39
-
-
0.71 0.43
-
-
0.72 0.46
-
-
0.88 0.55
-
-
1.0 0.63
-
-
1.1 0.69
-
-
90 %
0.60 0.46
-
-
0.71 0.55
-
-
0.72 0.55
-
-
0.88 0.67
-
-
1.0 0.77
-
-
1.1 0.85
-
-
80 %
0.60 0.52 0.35
-
0.71 0.62 0.42
-
0.72 0.62 0.42
-
0.88 0.76 0.52
-
1.0 0.87 0.59
-
1.1 0.96 0.65
-
70 %
0.60 0.58 0.44
-
0.71 0.69 0.52
-
0.72 0.70 0.52
-
0.88 0.85 0.64
-
1.0 0.97 0.73
-
1.1 1.07 0.80
-
66 2/3 % 0.60 0.60 0.46 0.27 0.71 0.71 0.55 0.32 0.72 0.72 0.55 0.32 0.88 0.88 0.68 0.40 1.0 1.0 0.77 0.45 1.1 1.1 0.85 0.50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com