Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWS220 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # GWS220
Description  Vitreous Wirewound Resistors with Lugs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GWS220 Datasheet(HTML) 4 Page - Vishay Siliconix

  GWS220 Datasheet HTML 1Page - Vishay Siliconix GWS220 Datasheet HTML 2Page - Vishay Siliconix GWS220 Datasheet HTML 3Page - Vishay Siliconix GWS220 Datasheet HTML 4Page - Vishay Siliconix GWS220 Datasheet HTML 5Page - Vishay Siliconix GWS220 Datasheet HTML 6Page - Vishay Siliconix GWS220 Datasheet HTML 7Page - Vishay Siliconix GWS220 Datasheet HTML 8Page - Vishay Siliconix GWS220 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GWS, GWS E, GWS Ni
www.vishay.com
Vishay Draloric
Revision: 19-Jul-16
4
Document Number: 21003
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The products can be ordered using either the PRODUCT DESCRIPTION or the PART NUMBER.
PACKAGING
TYPE
PACKAGING
CODE
QUANTITY
FORMAT
DIMENSION OF PACKAGE
All
LX
Variable
Bulk, separately packed with paper
Box size selection according to quantity
and product size
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: GWS01531009KLX000
TYPE
VARIANT/
TERMINAL
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
GWS015 = GWS 15
GWS020 = GWS 20
GWS025 = GWS 25
GWS035 = GWS 35
GWS050 = GWS 50
GWS075 = GWS 75
GWS100 = GWS 100
GWS220 = GWS 220
GWS300 = GWS 300
GWS500 = GWS 500
GWSN84 = GWS 30/100
GWSN91 = GWS 30/133
3 = SL
4 = SS
5 = SB
6 = SSB
7 = FST
8 = E SL
9 = E SS
A = E SB
B = E SSB
C = E FST
D = Ni SL
E = Ni SS
F = Ni SB
G = Ni SSB
H = Ni FST
3 digit value
1 digit multiplier
MULTIPLIER
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
G = ± 2 %
H = ± 3 %
J = ± 5 %
K = ± 10 %
LX =
loose pack,
without quantity
000 = standard
3 digit code =
customized version
Product Description: GWS15 SL 10R 10 %
GWS15
SL
10R
10 %
TYPE
VARIANT / TERMINAL
RESISTANCE
TOLERANCE
GWS15
GWS20
GWS25
GWS35
GWS50
GWS75
GWS100
GWS220
GWS300
GWS500
GWS30/100
GWS30/133
SL
SS
SB
SSB
FST
E SL
E SS
E SB
E SSB
E FST
NI SL
NI SS
NI SB
NI SSB
NI FST
4R3 = 4.3
300K = 300 k
± 2 %
± 3 %
± 5 %
± 10 %
0
153
0
0
9
1
WS
LX
0
K
G
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com