Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC155 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC155
Description  Dual 2 - To - 4 Line Decoder-Demultiplexers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC155 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC155 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC155 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC155 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC155 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF8364
January 1988
MM54HC155MM74HC155 Dual 2-To-4
Line DecoderDemultiplexers
General Description
The MM54HC155MM74HC155 is a high speed silicon-gate
CMOS decoderdemultiplexer It utilizes advanced silicon-
gate CMOS technology and features dual 1-line-to-4-line
demultiplexers with independent strobes and common bina-
ry-address inputs When both sections are enabled by the
strobes the common address inputs sequentially select and
route associated input data to the appropriate output of
each section The individual strobes permit activating or in-
hibiting each of the 4-bit sections as desired Data applied
to input C1 is inverted at its outputs and data applied to C2
is non-inverted at its outputs The inverter following the C1
data input permits use as a 3-to-8-line decoder or 1-to-8-
line demultiplexer without gating
All inputs to the decoder are protected from damage due to
electrostatic discharge by diodes to VCC and Ground
The device is capable of driving 10 low power Schottky TTL
equivalent loads
The MM54HC155MM74HC155 is functionally and pin
equivalent to the 54LS15574LS155 with the advantage of
reduced power consumption
Features
Y
Applications
Dual 2-to-4-line decoder
Dual 1-to-4-line demultiplexer
3-to-8-line decoder
1-to-8-line demultiplexer
Y
Typical propagation delay 22 ns
Y
Low quiescent current 80 mA maximum
(74HC series)
Y
Wide operating range 2V – 6V
Connect and Logic Diagram
TLF8364 – 1
Order Number MM54HC155 or
MM74HC155
Truth Tables
2-to-4-Line Decoder
or 1-Line to 4-line Demultiplexer
Inputs
Outputs
Select
Strobe
Data
B
A
G1
C1
1Y0
1Y1
1Y2
1Y3
X
X
H
X
HHHH
LL
L
H
L
H
H
H
LH
L
H
H
L
H
H
HL
L
H
H
H
L
H
HH
L
H
H
H
H
L
X
X
X
L
HHHH
Inputs
Outputs
Select
Strobe
Data
B
A
G2
C2
2Y0
2Y1
2Y2
2Y3
X
X
H
X
HHHH
LL
L
L
L
H
H
H
LH
L
L
H
L
H
H
HL
L
L
H
H
L
H
HH
L
L
H
H
H
L
X
X
X
H
HHHH
3-Line-to-8-Line Decoder
or 1-Line-to-8-Line Demultiplexer
Inputs
Outputs
Select
Strobe
(0)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Or Data
IC B A
IG
2Y0 2Y1 2Y2 2Y3 1Y0 1Y1 1Y2 1Y3
X X X
H
HHHHHHHH
L L L
L
L
H
HHHHHH
L L H
L
H
L
HHHHHH
L H L
L
HH
L
H
HHHH
L H H
L
HHH
L
H
HHH
H L L
L
HHHH
L
HHH
H L H
L
HHHHH
L
H
H
H H L
L
HHHHHH
L
H
H H H
L
HHHHHHH
L
IC e inputs C1 and C2 connected together
IG e inputs G1 and G2 connected together
H e high level L e low level X e don’t care
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC155

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC154 NSC-MM54HC154 Datasheet
148Kb / 6P
4-to-16 Line Decoder
More results

Similar Description - MM54HC155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54155 TI-SN54155 Datasheet
732Kb / 17P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54AHCT139 TI-SN54AHCT139 Datasheet
98Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54LS139A TI-SN54LS139A Datasheet
640Kb / 15P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54LV139A TI-SN54LV139A Datasheet
322Kb / 13P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Fairchild Semiconductor
DM74LS155 FAIRCHILD-DM74LS155 Datasheet
63Kb / 6P
Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Hitachi Semiconductor
HD74LV139A HITACHI-HD74LV139A Datasheet
59Kb / 12P
Dual 2-to-4 line Decoder / Demultiplexers
logo
National Semiconductor ...
MM74HCT155 NSC-MM74HCT155 Datasheet
182Kb / 3P
Dual 2-to-4 Line Decoder/Demultiplexers
logo
Texas Instruments
CD54AC139 TI-CD54AC139 Datasheet
204Kb / 9P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD54ACT139 TI-CD54ACT139 Datasheet
318Kb / 10P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74AHCT139 TI-SN74AHCT139_07 Datasheet
472Kb / 18P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com