Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6854 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6854
Description  132COMMON x 132RGB LCD DRIVER FOR 65,536 - COLOR STN DISPLAY
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6854 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU6854 Datasheet HTML 3Page - New Japan Radio NJU6854 Datasheet HTML 4Page - New Japan Radio NJU6854 Datasheet HTML 5Page - New Japan Radio NJU6854 Datasheet HTML 6Page - New Japan Radio NJU6854 Datasheet HTML 7Page - New Japan Radio NJU6854 Datasheet HTML 8Page - New Japan Radio NJU6854 Datasheet HTML 9Page - New Japan Radio NJU6854 Datasheet HTML 10Page - New Japan Radio NJU6854 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
NJU6854
-7 -
Ver.2004-06-29
chip size 17,643×2,180
µm2 (chip center = 0:0 )
PAD
No.
Pad name
X(
µm)
Y(
µm) PAD
No.
Pad name
X (
µm)
Y (
µm)
PAD
No.
Pad name
X (
µm) Y (µm)
151
C3-
3505
-935.5
201
V4
7140
-935.5
251
COMA39
8652
232
152
C4+
3595
-935.5
202
V4
7205
-935.5
252
COMA38
8652
270
153
C4+
3660
-935.5
203
V4
7270
-935.5
253
COMA37
8652
308
154
C4+
3725
-935.5
204
V4
7335
-935.5
254
COMA36
8652
346
155
C4+
3790
-935.5
205
V4
7400
-935.5
255
COMA35
8652
384
156
C4+
3855
-935.5
206
VSSH
7490
-935.5
256
COMA34
8652
422
157
C4+
3920
-935.5
207
VSSH
7555
-935.5
257
COMA33
8652
460
158
C4-
4010
-935.5
208
VSSH
7620
-935.5
258
COMA32
8652
498
159
C4-
4075
-935.5
209
VSSH
7685
-935.5
259
COMA31
8652
536
160
C4-
4140
-935.5
210
VSSH
7750
-935.5
260
COMA30
8652
574
161
C4-
4205
-935.5
211
VSSH
7815
-935.5
261
COMA29
8652
612
162
C4-
4270
-935.5
212
VSSH
7880
-935.5
262
COMA28
8652
650
163
C4-
4335
-935.5
213
VSSH
7945
-935.5
263
COMA27
8652
688
164
C5+
4425
-935.5
214
VSSH
8010
-935.5
264
COMA26
8652
726
165
C5+
4490
-935.5
215
VSSH
8075
-935.5
265
DUMMY
8652
764
166
C5+
4555
-935.5
216
VSSH
8140
-935.5
266
DUMMY
8607
920.5
167
C5+
4620
-935.5
217
VSSH
8205
-935.5
267
COMA25
8569
920.5
168
C5+
4685
-935.5
218
VSSH
8270
-935.5
268
COMA24
8531
920.5
169
C5+
4750
-935.5
219
VSSH
8335
-935.5
269
COMA23
8493
920.5
170
C5-
4840
-935.5
220
VSSH
8400
-935.5
270
COMA22
8455
920.5
171
C5-
4905
-935.5
221
VSSH
8465
-935.5
271
COMA21
8417
920.5
172
C5-
4970
-935.5
222
VSSH
8530
-935.5
272
COMA20
8379
920.5
173
C5-
5035
-935.5
223
DUMMY
8620
-935.5
273
COMA19
8341
920.5
174
C5-
5100
-935.5
224
DUMMY
8652
-794
274
COMA18
8303
920.5
175
C5-
5165
-935.5
225
COMA65
8652
-756
275
COMA17
8265
920.5
176
V0
5335
-935.5
226
COMA64
8652
-718
276
COMA16
8227
920.5
177
V0
5400
-935.5
227
COMA63
8652
-680
277
COMA15
8189
920.5
178
V0
5465
-935.5
228
COMA62
8652
-642
278
COMA14
8151
920.5
179
V0
5530
-935.5
229
COMA61
8652
-604
279
COMA13
8113
920.5
180
V0
5595
-935.5
230
COMA60
8652
-566
280
COMA12
8075
920.5
181
V0
5660
-935.5
231
COMA59
8652
-528
281
COMA11
8037
920.5
182
V1
5750
-935.5
232
COMA58
8652
-490
282
COMA10
7999
920.5
183
V1
5815
-935.5
233
COMA57
8652
-452
283
COMA9
7961
920.5
184
V1
5880
-935.5
234
COMA56
8652
-414
284
COMA8
7923
920.5
185
V1
5945
-935.5
235
COMA55
8652
-376
285
COMA7
7885
920.5
186
V1
6010
-935.5
236
COMA54
8652
-338
286
COMA6
7847
920.5
187
V1
6075
-935.5
237
COMA53
8652
-300
287
COMA5
7809
920.5
188
V2
6165
-935.5
238
COMA52
8652
-262
288
COMA4
7771
920.5
189
V2
6230
-935.5
239
COMA51
8652
-224
289
COMA3
7733
920.5
190
V2
6295
-935.5
240
COMA50
8652
-186
290
COMA2
7695
920.5
191
V2
6360
-935.5
241
COMA49
8652
-148
291
COMA1
7657
920.5
192
V2
6425
-935.5
242
COMA48
8652
-110
292
COMA0
7619
920.5
193
V2
6490
-935.5
243
COMA47
8652
-72
293
DUMMY
7581
920.5
194
V3
6660
-935.5
244
COMA46
8652
-34
294
DUMMY
7543
920.5
195
V3
6725
-935.5
245
COMA45
8652
4
295
SEGA0
7505
920.5
196
V3
6790
-935.5
246
COMA44
8652
42
296
SEGB0
7467
920.5
197
V3
6855
-935.5
247
COMA43
8652
80
297
SEGC0
7429
920.5
198
V3
6920
-935.5
248
COMA42
8652
118
298
SEGA1
7391
920.5
199
V3
6985
-935.5
249
COMA41
8652
156
299
SEGB1
7353
920.5
200
V4
7075
-935.5
250
COMA40
8652
194
300
SEGC1
7315
920.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com