Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2575 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD2575
Description  Silicon NPN epitaxial planer type(For low-frequency power amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2575 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2575 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2575 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD2575
Silicon NPN epitaxial planer type
For low-frequency power amplification
s Features
q
Low collector to emitter saturation voltage VCE(sat).
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
ICP
*1
IC
PC
Tj
Tstg
Ratings
15
10
10
9
5
750
150
–55 ~ +150
Unit
V
V
V
A
A
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
IEBO
VCEO
VEBO
hFE1
hFE2
VCE(sat)
fT
Cob
Conditions
VCB = 10V, IE = 0
VCE = 5V, IB = 0
VEB = 5V, IC = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 2V, IC = 0.5A
*
VCE = 2V, IC = 2A
*
IC = 3A, IB = 0.1A
*
VCB = 6V, IE = –50mA, f = 200MHz
VCB = 20V, IE = 0, f = 1MHz
min
10
10
700
195
typ
0.28
170
45
max
0.1
1.0
0.1
0.5
65
Unit
µA
µA
µA
V
V
V
MHz
pF
*1 Measuring time: t = 380
µsec
* Pulse measurement


Similar Part No. - 2SD2575

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD257 ETC2-2SD257 Datasheet
43Kb / 1P
NPN Transistor
logo
Toshiba Semiconductor
2SD2571 TOSHIBA-2SD2571 Datasheet
92Kb / 2P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
logo
Panasonic Semiconductor
2SD2573 PANASONIC-2SD2573 Datasheet
85Kb / 3P
Silicon NPN triple diffusion planar type
logo
Rohm
2SD2576 ROHM-2SD2576 Datasheet
43Kb / 1P
Power Transistor (60V, 3A)
logo
Sanyo Semicon Device
2SD2578 SANYO-2SD2578 Datasheet
45Kb / 4P
Color TV Horizontal Deflection Output Applications
More results

Similar Description - 2SD2575

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1051 PANASONIC-2SD1051 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1244 PANASONIC-2SD1244 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1934 PANASONIC-2SD1934 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2249 PANASONIC-2SD2249 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2321 PANASONIC-2SD2321 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2457 PANASONIC-2SD2457 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD875 PANASONIC-2SD875 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD965 PANASONIC-2SD965 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD973 PANASONIC-2SD973 Datasheet
49Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com