Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC155J Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC155J
Description  Dual 2 - To - 4 Line Decoder-Demultiplexers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC155J Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54HC155J Datasheet HTML 1Page - National Semiconductor (TI) MM54HC155J Datasheet HTML 2Page - National Semiconductor (TI) MM54HC155J Datasheet HTML 3Page - National Semiconductor (TI) MM54HC155J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics VCC e 5V TA e 25 C CL e 15 pF tr e tf e 6ns
Symbol
Parameter
Conditions
Typ
Units
tPHL tPLH Maximum Propagation
18
ns
Delay Binary Select to any Output
4 Levels of Delay
AC Electrical Characteristics (Note 6) CL e 50 pF tr e tf e 6 ns (unless otherwise specified)
TA e 25 C
74HC
54HC
Symbol
Parameter
Conditions VCC
TA eb40 to a85 CTA eb55 to a125 C Units
Typ
Guaranteed Limits
tPHL tPLH Maximum Propagation
20V 110
175
219
254
ns
Delay Binary Select to
45V
22
35
44
51
ns
any Output 4 Levels of Delay
60
18
30
38
44
ns
tTLH tTLH Maximum Output Rise
20V
30
75
95
110
ns
and FallTime
45V
8
15
19
22
ns
60V
7
13
16
19
ns
CIN
Maximum Input
3
10
10
10
pF
Capacitance
CPD
Power Dissipation
(Note 5)
47
pF
Capacitance (Note 5)
Note 5
CPC determines the no load dynamic power consumption Pd e CPD VCC2f a ICC and the no load dynamic current consumption IS QCPD VCCf a ICC
Logic Diagram
TLF8364 – 2
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com