Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPHLS Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MPHLS
Description  Remote I/O MP Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MPHLS Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MPHLS Datasheet HTML 1Page - M-System Co.,Ltd. MPHLS Datasheet HTML 2Page - M-System Co.,Ltd. MPHLS Datasheet HTML 3Page - M-System Co.,Ltd. MPHLS Datasheet HTML 4Page - M-System Co.,Ltd. MPHLS Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MPHLS
MPHLS SPECIFICATIONS
ES-4391 Rev.3 Page 4/5
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY
Control
Circuit
Comm.
Circuit
Comm.
Circuit
Comm.
Circuit
Comm.
Circuit
Power
Circuit
INTERNAL BUS
INTERNAL POWER
*SLD
NC
NC
NC
RXD+ (TR+)
RXD–(TR–)
TXD+ (NC)
TXD–(NC)
HLS1
1
2
4
3
6
5
8
7
*SLD
FG
NC
NC
NC
RXD+ (TR+)
RXD–(TR–)
TXD+ (NC)
TXD–(NC)
HLS2
1
2
4
3
6
5
8
7
*SLD is connected to FG terminal of the MP2200 / MP2300/MP3300 series machine controllers.
Isolation
Isolation
SYSTEM DESCRIPTIONS
MP2310
24V DC
POWER
YASKAWA Electric
INTEGRATED ENGINEERING TOOL
MPE720
YASKAWA Electric
MP2200/MP2300/MP3300 SERIES
MACHINE CONTROLLER
MPHLS-01
HLS Slave
HLS Slave
HLS Slave
Remote I/O
 R7F4DH, R7HL
Remote I/O
 R7F4DH, R7HL
HLS Slave
Rt
Max. number of connections: 32
Rt: Terminator
HLS Slave
HLS Slave
HLS Slave
HLS Slave
Rt
Rt
Rt
HLS
HLS
Max. number of connections: 31
Note: For MP3200, the MPHLS is available to use by attaching MP2000 option base unit.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com