Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDH Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MMDH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MMDH Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MMDH Datasheet HTML 1Page - M-System Co.,Ltd. MMDH Datasheet HTML 2Page - M-System Co.,Ltd. MMDH Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MMDH
http://www.m-system.co.jp/
MMDH SPECIFICATIONS
ES-8185 Rev.1 Page 1/3
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
STANDARD SIGNAL LINE USE
(high speed/high discharge current capacity)
Functions & Features
• Designed specifically for 4 – 20 mA DC line including both
4-wire and 2-wire transmitters
• Discharge current capacity 20000 A
• Absorbing surges only without affecting instrumentation
signal
Typical Applications
• High discharge current capacity is beneficial for use in
area with frequent lightnings
S1
S2
G
65
(2.56)
128
(5.04)
60
(2.36)
mm (inch)
MODEL: MMDH–24
ORDERING INFORMATION
• Code number: MMDH-24
OPERATIONAL VOLTAGE
24: 24 V DC
RELATED PRODUCTS
•Lightning arrester for power supply use (model: MMAH)
GENERAL SPECIFICATIONS
Construction: Wall-mounted, front terminals; terminal cover
provided
Connection: M4 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Steel plate t = 1.6 (black)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 440 g (0.97 lbs)
PERFORMANCE
Discharge voltage (peak voltage)
Line to line: ±40 V min.
Line to ground: ±290 V min.
Maximum surge voltage
Line to line: ±50V max.
Line to ground: ±800 V max.
(The maximum voltage that could pass through this surge
protector. Protected equipment must be able to withstand
this voltage for very short time period.)
Response time: 4 nsec.
Leakage current
Line to line: ≤ 5 μA at ±30 V DC
Line to ground: ≤ 5 μA at ±140 V DC
Discharge current capacity: 20000 A (8 / 20 μsec.)
Maximum load current: 0.1 A
Internal series resistance: ≤ 0.4 Ω (including return)
Maximum line voltage: ±30 V


Similar Part No. - MMDH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MMD MSYSTEM-MMD Datasheet
105Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Sennheiser electronic S...
MMD 835 BK SENNHEISER-MMD 835 BK Datasheet
191Kb / 1P
Microphone Head
MMD 835-1 BK SENNHEISER-MMD 835-1 BK Datasheet
191Kb / 1P
Microphone Head
MMD 845 SENNHEISER-MMD 845 Datasheet
189Kb / 1P
Microphone Head
MMD 845-1 BK SENNHEISER-MMD 845-1 BK Datasheet
189Kb / 1P
Microphone Head
More results

Similar Description - MMDH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com