Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS3P063R2 Datasheet(PDF) 1 Page - Schneider Electric

Part # VLS3P063R2
Description  Disconnect switch, TeSys VLS, body switch disconnector, 63A, size 2, 3 pole, 3 NO, DIN rail mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VLS3P063R2 Datasheet(HTML) 1 Page - Schneider Electric

  VLS3P063R2 Datasheet HTML 1Page - Schneider Electric VLS3P063R2 Datasheet HTML 2Page - Schneider Electric VLS3P063R2 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
VLS3P063R2
Disconnect switch, TeSys VLS, body switch
disconnector, 63A, size 2, 3 pole, 3 NO, DIN rail
mount
Product availability : Stock - Normally stocked in distribution facility
Price* : 103.04 USD
Main
Range
TeSys
Product Name
TeSys VARIO LS
Device Short Name
VLS3P
Product Type
Switch body
Complementary
Device Composition
Switch
Handle
Mounting Support
Back DIN rail
Mounting Method
By clips back
Performance Level
High performance
Number of Poles
3P
Contact Type and Composition
3 NO
Color
Grey
[Ue] UL Rated Operational Voltage
600 V AC 50/60 Hz conforming to UL 508
[Ue] IEC Rated Operational Voltage
690 V AC 50/60 Hz
UL Maxium Horsepower Ratings
20 hp 200/208 V AC
20 hp 240 V AC
40 hp 480 V AC
40 hp 600 V AC
3 hp 120 V AC
7.5 hp 240 V AC
IEC Rated Operational Power in W
30 kW 400 V AC-23A)
45 kW 500 V AC-23A)
45 kW 690 V AC-23A)
[Ie] Rated Operational Current
60 A Ue: 600 V UL98
63 A AC-21A Ue: 400 V
63 A AC-21A Ue: 500 V
63 A AC-21A Ue: 690 V
63 A AC-22A Ue: 400 V
63 A AC-22A Ue: 500 V
63 A AC-22A Ue: 690 V
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jul 12, 2021
1


Similar Part No. - VLS3P063R2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VLS3P063R2 SCHNEIDER-VLS3P063R2 Datasheet
136Kb / 3P
Disconnect switch, TeSys VLS, body switch, 60A, 40HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
Jun 27, 2022
VLS3P063R2 SCHNEIDER-VLS3P063R2_V01 Datasheet
136Kb / 3P
Disconnect switch, TeSys VLS, body switch, 60A, 40HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
Jun 27, 2022
More results

Similar Description - VLS3P063R2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VLS1P125R2S SCHNEIDER-VLS1P125R2S Datasheet
80Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 125A, for 125A switch, size 2, DIN rail
Jul 18, 2021
VLS1P080R2S SCHNEIDER-VLS1P080R2S Datasheet
80Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 80A, for 80A switch, size 2, DIN rail
Jul 18, 2021
VLS1P063R2S SCHNEIDER-VLS1P063R2S Datasheet
80Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 63A, for 30A and 63A switch, size 2, DIN rail
Jul 18, 2021
VLS1P063R1S SCHNEIDER-VLS1P063R1S Datasheet
81Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 63A, for 63A switch, size 1, DIN rail
Jul 18, 2021
VLS1P063R1E SCHNEIDER-VLS1P063R1E Datasheet
81Kb / 3P
Disconnect switch, TeSys VLS, additional pole, early-make closing, 63A, for 63A switch, size 1, DIN rail
Jul 18, 2021
VLS1P063D2S SCHNEIDER-VLS1P063D2S Datasheet
96Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 63A, for 30A and 63A switch, size 2, door mount
Jun 27, 2022
VLS1P063R1E SCHNEIDER-VLS1P063R1E_V01 Datasheet
94Kb / 3P
Disconnect switch, TeSys VLS, additional pole, early-make closing, 63A, for 63A switch, size 1, DIN rail
Jun 27, 2022
VLS1P063R1S SCHNEIDER-VLS1P063R1S_V01 Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 63A, for 63A switch, size 1, DIN rail
Jun 27, 2022
VLS1P063R2S SCHNEIDER-VLS1P063R2S_V01 Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 63A, for 30A and 63A switch, size 2, DIN rail
Jun 27, 2022
VLS1P080R2S SCHNEIDER-VLS1P080R2S_V01 Datasheet
93Kb / 3P
Disconnect switch, TeSys VLS, additional pole, 80A, for 80A switch, size 2, DIN rail
Jun 27, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com