Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMTC-P-PC10 Datasheet(PDF) 1 Page - Festo Corporation.

Part # AMTC-P-PC10
Description  Pneumatic muffler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

AMTC-P-PC10 Datasheet(HTML) 1 Page - Festo Corporation.

  AMTC-P-PC10 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pneumatic muffler
AMTC-P-PC10
Part number: 1224460
Data sheet
Feature
Value
Type code
AMTC
Mounting position
Any
Pack size
1
Symbol
00991473
Operating pressure
0 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible
Noise level
58 dB(A)
Ambient temperature
-5 °C ... 60 °C
Product weight
2 g
Pneumatic connection
Cartridge 10 mm
Cushioning insert material
PE
Material of screwed trunnion
PE
Note on materials
RoHS-compliant
7/19/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - AMTC-P-PC10

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT-06C-1-036 CUI-AMT-06C-1-036 Datasheet
90Kb / 1P
UNLESS OTHERWISE SPECIFIED
AMT-06C-1-036 CUI-AMT-06C-1-036 Datasheet
151Kb / 1P
6405 SW Rosewood St, Suite C
4/13/2020
logo
Same Sky Devices
AMT-06C-1-036 SAMESKY-AMT-06C-1-036 Datasheet
132Kb / 1P
case_GND (green) is connected internally to GND (green/white)
09/12/2024
logo
CUI INC
AMT-06C-1-036-USB CUI-AMT-06C-1-036-USB Datasheet
84Kb / 1P
Back of Connector Housing
AMT-06C-1-036-USB CUI-AMT-06C-1-036-USB Datasheet
276Kb / 1P
20050 SW 112th Ave.
05/02/2019
More results

Similar Description - AMTC-P-PC10

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
12638 FESTO-12638 Datasheet
89Kb / 1P
Pneumatic muffler
12639 FESTO-12639 Datasheet
85Kb / 1P
Pneumatic muffler
12741 FESTO-12741 Datasheet
79Kb / 1P
Pneumatic muffler
534225 FESTO-534225 Datasheet
94Kb / 1P
Pneumatic muffler
571280 FESTO-571280 Datasheet
97Kb / 1P
Pneumatic muffler
2307 FESTO-2307 Datasheet
101Kb / 1P
Pneumatic muffler
2316 FESTO-2316 Datasheet
97Kb / 1P
Pneumatic muffler
3670 FESTO-3670 Datasheet
89Kb / 1P
Pneumatic muffler
4646 FESTO-4646 Datasheet
105Kb / 1P
Pneumatic muffler
6842 FESTO-6842 Datasheet
84Kb / 1P
Pneumatic muffler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com