Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2.2CP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HZ2.2CP
Description  Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ2.2CP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HZ2.2CP Datasheet HTML 1Page - Renesas Technology Corp HZ2.2CP Datasheet HTML 2Page - Renesas Technology Corp HZ2.2CP Datasheet HTML 3Page - Renesas Technology Corp HZ2.2CP Datasheet HTML 4Page - Renesas Technology Corp HZ2.2CP Datasheet HTML 5Page - Renesas Technology Corp HZ2.2CP Datasheet HTML 6Page - Renesas Technology Corp HZ2.2CP Datasheet HTML 7Page - Renesas Technology Corp HZ2.2CP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HZ-P Series
Rev.6.00, Apr 13, 2004, page 5 of 7
Main Characteristic
1.0
0.8
0.6
0.4
0.2
200
150
100
50
0
0
l=10mm
l=10mm
without heat sink Plate
Infinite Heat Sink Plate
l=20mm
ll
Ambient temperature Ta (
°C)
Fig.3 Power Dissipation vs. Ambient Temperature
0
5
10
15
20
25
30
35
40
50
40
30
20
10
0
–10
–20
–30
–40
–50
%/
°C
mV/
°C
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
–0.08
–0.10
Fig.2 Temperature Coefficient vs. Zener Voltage
Zener voltage VZ (V)
5
101520253035
40
0
45
10–
2
10–
4
10–
6
10–
8
10–
7
10–
5
10–
3
10–
1
Fig.1 Zener Current vs. Zener Voltage
Zener voltage VZ (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com