Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2AHT430 Datasheet(PDF) 1 Page - Schneider Electric

Part # GS2AHT430
Description  External rotary handle, TeSys GS, black handle, front mounting, 3 positions Test-I-O, NEMA 4-4X, for GS 30-400A UL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS2AHT430 Datasheet(HTML) 1 Page - Schneider Electric

  GS2AHT430 Datasheet HTML 1Page - Schneider Electric GS2AHT430 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
GS2AHT430
External rotary handle, TeSys GS, black handle,
front mounting, 3 positions Test-I-O, NEMA 4-4X,
for GS 30-400A UL
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 198.00 USD
Main
Range of product
TeSys
Range
TeSys
Device short name
GS2AHT
Product or component type
Rotary handle
Range compatibility
TeSys GS GS2EU
TeSys GS GS2GU
TeSys GS GS2JU
TeSys GS GS2MU
TeSys GS GS2QU
Type of operating handle
External frontal
Handle colour
Black
Handle front plate colour
Grey
Complementary
Handle positions
Test-O-I
Rotary handle padlocking
With
Switch rated current
30 A
60 A
100 A
200 A
400 A
Standards
UL
CSA
Net Weight
0.53 lb(US) (0.24 kg)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jul 19, 2021
1


Similar Part No. - GS2AHT430

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS2AHT410 SCHNEIDER-GS2AHT410 Datasheet
113Kb / 2P
External rotary handle, TeSys GS, black handle, front mounting, 3 positions Test-I-O, NEMA 4-4X, for GS 30A Compact UL
Jul 19, 2021
GS2AHT420 SCHNEIDER-GS2AHT420 Datasheet
124Kb / 2P
External rotary handle, TeSys GS, red handle, front mounting, 3 positions Test-I-O, NEMA 4-4X, for GS 30A Compact UL
Jul 19, 2021
GS2AHT440 SCHNEIDER-GS2AHT440 Datasheet
100Kb / 2P
External rotary handle, TeSys GS, red handle, front mounting, 3 positions Test-I-O, NEMA 4-4X, for GS 30-400A UL
Jul 19, 2021
More results

Similar Description - GS2AHT430

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS2AHT440 SCHNEIDER-GS2AHT440 Datasheet
100Kb / 2P
External rotary handle, TeSys GS, red handle, front mounting, 3 positions Test-I-O, NEMA 4-4X, for GS 30-400A UL
Jul 19, 2021
GS2AHT420 SCHNEIDER-GS2AHT420 Datasheet
124Kb / 2P
External rotary handle, TeSys GS, red handle, front mounting, 3 positions Test-I-O, NEMA 4-4X, for GS 30A Compact UL
Jul 19, 2021
GS2AHT410 SCHNEIDER-GS2AHT410 Datasheet
113Kb / 2P
External rotary handle, TeSys GS, black handle, front mounting, 3 positions Test-I-O, NEMA 4-4X, for GS 30A Compact UL
Jul 19, 2021
GS2AHT140 SCHNEIDER-GS2AHT140 Datasheet
101Kb / 2P
External rotary handle, TeSys GS, red handle, front mounting, 3 positions Test-I-O, NEMA 3R, for GS 30-400A UL
Jul 19, 2021
GS2AHT130 SCHNEIDER-GS2AHT130 Datasheet
97Kb / 2P
External rotary handle, TeSys GS, black handle, front mounting, 3 positions Test-I-O, NEMA 3R, for GS 30-400A UL
Jul 19, 2021
GS2AH440 SCHNEIDER-GS2AH440 Datasheet
100Kb / 2P
External rotary handle, TeSys GS, red handle, front mounting, 2 positions I-O, NEMA 4-4X, for GS 30-400A UL
Jul 19, 2021
GS2AH430 SCHNEIDER-GS2AH430 Datasheet
97Kb / 2P
External rotary handle, TeSys GS, black handle, front mounting, 2 positions I-O, NEMA 4-4X, for GS 30-400A UL
Jul 19, 2021
GS2AH410 SCHNEIDER-GS2AH410 Datasheet
117Kb / 2P
External rotary handle, TeSys GS, black handle, front mounting, 2 positions I-O, NEMA 4-4X, for GS 30A Compact UL
Jul 19, 2021
GS2AH140 SCHNEIDER-GS2AH140 Datasheet
100Kb / 2P
External rotary handle, TeSys GS, red handle, front mounting, 2 positions I-O, NEMA 3R, for GS 30-400A UL
Jul 19, 2021
GS2AH130 SCHNEIDER-GS2AH130 Datasheet
97Kb / 2P
External rotary handle, TeSys GS, black handle, front mounting, 2 positions I-O, NEMA 3R, for GS 30-400A UL
Jul 19, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com