Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2.7CP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HZ2.7CP
Description  Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ2.7CP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HZ2.7CP Datasheet HTML 1Page - Renesas Technology Corp HZ2.7CP Datasheet HTML 2Page - Renesas Technology Corp HZ2.7CP Datasheet HTML 3Page - Renesas Technology Corp HZ2.7CP Datasheet HTML 4Page - Renesas Technology Corp HZ2.7CP Datasheet HTML 5Page - Renesas Technology Corp HZ2.7CP Datasheet HTML 6Page - Renesas Technology Corp HZ2.7CP Datasheet HTML 7Page - Renesas Technology Corp HZ2.7CP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.6.00, Apr 13, 2004, page 1 of 7
HZ-P Series
Silicon Epitaxial Planar Zener Diodes
for Voltage Controller & Voltage Limitter
REJ03G0236-0600Z
(Previous: ADE-208-123E)
Rev.6.00
Apr 13, 2004
Features
• Wide spectrum from 1.88 V through 40 V of zener voltage provide flexible application.
• Glass package DO-41 structure ensures high reliability.
Ordering Information
Type No.
Mark
Package Code
HZ-P Series
Type No.
DO-41
Pin Arrangement
1. Cathode
2. Anode
Cathode band
Type No.
12
2.0
B


Similar Part No. - HZ2.7CP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZ2.7CP HITACHI-HZ2.7CP Datasheet
46Kb / 8P
Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
More results

Similar Description - HZ2.7CP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
logo
Hitachi Semiconductor
HZ12BP HITACHI-HZ12BP Datasheet
48Kb / 8P
Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Hitachi Semiconductor
HZ-P HITACHI-HZ-P Datasheet
46Kb / 8P
Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Renesas Technology Corp
1N5223B RENESAS-1N5223B Datasheet
166Kb / 6P
Silicon Epitaxial Planar Zener Diodes for Voltage Regulation
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
Silicon Epitaxial Planar Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com