Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962MEIJT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4962MEIJT
Description  3W Filter - free Class D Audio Power Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962MEIJT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4962MEIJT Datasheet HTML 17Page - STMicroelectronics TS4962MEIJT Datasheet HTML 18Page - STMicroelectronics TS4962MEIJT Datasheet HTML 19Page - STMicroelectronics TS4962MEIJT Datasheet HTML 20Page - STMicroelectronics TS4962MEIJT Datasheet HTML 21Page - STMicroelectronics TS4962MEIJT Datasheet HTML 22Page - STMicroelectronics TS4962MEIJT Datasheet HTML 23Page - STMicroelectronics TS4962MEIJT Datasheet HTML 24Page - STMicroelectronics TS4962MEIJT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TS4962M
Application Information
21/32
5
Application Information
5.1
Differential configuration principle
The TS4962M is a monolithic fully-differential input/output class D power amplifier. The
TS4962M also includes a common-mode feedback loop that controls the output bias value to
average it at VCC/2 for any DC common mode input voltage. This allows the device to always
have a maximum output voltage swing, and by consequence, maximize the output power.
Moreover, as the load is connected differentially compared to a single-ended topology, the
output is four times higher for the same power supply voltage.
The advantages of a full-differential amplifier are:
●
High PSRR (Power Supply Rejection Ratio).
●
High common mode noise rejection.
●
Virtually zero pop without additional circuitry, giving an faster start-up time compared to
conventional single-ended input amplifiers.
●
Easier interfacing with differential output audio DAC.
●
No input coupling capacitors required thanks to common mode feedback loop.
The main disadvantage is:
●
As the differential function is directly linked to external resistor mismatching, paying
particular attention to this mismatching is mandatory in order to obtain the best
performance from the amplifier.
5.2
Gain in typical application schematic
Typical differential applications are shown in Figure 1 on page 3.
In the flat region of the frequency-response curve (no input coupling capacitor effect), the
differential gain is expressed by the relation:
with Rin expressed in kΩ. For the remainder of this chapter, AVdiff will be referred to as AV for
simplicity’s sake.
Due to the tolerance of the internal 150k
Ω feedback resistor, the differential gain will be in the
range (no tolerance on Rin):
A
V
diff
Out
+
Out
-
–
In
+
In
-
–
-------------------------------
300
R
in
----------
==
273
R
in
----------
A
V
diff
327
R
in
----------
≤≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com