Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2AH130 Datasheet(PDF) 2 Page - Schneider Electric

Part # GS2AH130
Description  External rotary handle, TeSys GS, black handle, front mounting, 2 positions I-O, NEMA 3R, for GS 30-400A UL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS2AH130 Datasheet(HTML) 2 Page - Schneider Electric

  GS2AH130 Datasheet HTML 1Page - Schneider Electric GS2AH130 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
NEMA degree of protection
NEMA 3R/12
Ordering and shipping details
Category
22640 - IEC DISCONNECT-GS1,LK3
Discount Schedule
I11
GTIN
03389119411837
Nbr. of units in pkg.
1
Package weight(Lbs)
8.82 oz (250 g)
Returnability
Yes
Country of origin
TN
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.56 in (6.5 cm)
Package 1 width
6.34 in (16.1 cm)
Package 1 Length
6.30 in (16 cm)
Unit Type of Package 2
BAG
Number of Units in Package 2
1
Package 2 Weight
8.82 oz (250 g)
Package 2 Height
2.17 in (5.5 cm)
Package 2 width
3.54 in (9 cm)
Package 2 Length
6.69 in (17 cm)
Unit Type of Package 3
S03
Number of Units in Package 3
18
Package 3 Weight
11.01 lb(US) (4.992 kg)
Package 3 Height
11.81 in (30 cm)
Package 3 width
11.81 in (30 cm)
Package 3 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Styrene, which is known to the
State of California to cause cancer. For more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com