Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT72L52 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT72L52
Description  TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
PDF  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L52 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT72L52 Datasheet HTML 5Page - Exar Corporation XRT72L52 Datasheet HTML 6Page - Exar Corporation XRT72L52 Datasheet HTML 7Page - Exar Corporation XRT72L52 Datasheet HTML 8Page - Exar Corporation XRT72L52 Datasheet HTML 9Page - Exar Corporation XRT72L52 Datasheet HTML 10Page - Exar Corporation XRT72L52 Datasheet HTML 11Page - Exar Corporation XRT72L52 Datasheet HTML 12Page - Exar Corporation XRT72L52 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 480 page
background image
áç
áç
áç
áç
XRT72L52
TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
PRELIMINARY
REV. P1.1.3
VII
Figure 63. Flow Chart depict how to use the LAPD Transmitter ........................................................ 180
FRAMER OPERATING MODE REGISTER (ADDRESS = 0X00) ..................................................................... 181
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04) ..................................................................... 181
4.2.4 The Transmit DS3 Framer Block ........................................................................................................... 181
Figure 64. A Simple Illustration of the Transmit DS3 Framer Block and the associated paths to other Func-
tional Blocks ........................................................................................................................................ 182
TX DS3 CONFIGURATION REGISTER (ADDRESS = 0X30) ........................................................................ 183
TABLE 28: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 7 (TX YELLOW ALARM) WITHIN THE TX DS3 CON-
FIGURATION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER BLOCK'S ACTION .......................... 183
TABLE 29: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 6 (TX X-BITS) WITHIN THE TX DS3 CONFIGURA-
TION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER BLOCK'S ACTION ..................................... 183
TABLE 30: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 5 (TX IDLE) WITHIN THE TX DS3 CONFIGURATION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER ACTION .......................................................... 184
TABLE 31: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 4 (TX AIS PATTERN) WITHIN THE TX DS3 CON-
FIGURATION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER BLOCK'S ACTION .......................... 184
TABLE 32: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 3 (TX LOS) WITHIN THE TX DS3 CONFIGURATION
REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER BLOCK'S ACTION ............................................. 185
TX DS3 M-BIT MASK REGISTER, ADDRESS = 0X35 ............................................................................... 185
TX DS3 F-BIT MASK1 REGISTER, ADDRESS = 0X36 .............................................................................. 186
TX DS3 F-BIT MASK2 REGISTER, ADDRESS = 0X37 .............................................................................. 186
TX DS3 F-BIT MASK3 REGISTER, ADDRESS = 0X38 .............................................................................. 186
TX DS3 F-BIT MASK4 REGISTER, ADDRESS = 0X39 .............................................................................. 186
4.2.5 The Transmit DS3 Line Interface Block ................................................................................................. 186
Figure 65. Approach to Interfacing the XRT72L52 Framer IC to the XRT7302 DS3/E3/STS-1 Transmitter
LIU (one channel shown) .................................................................................................................... 187
Figure 66. A Simple Illustration of the Transmit DS3 LIU Interface block .......................................... 188
Figure 67. The Behavior of TxPOS and TxNEG signals during data transmission while the Transmit DS3
LIU Interface is operating in the Unipolar Mode .................................................................................. 188
I/O CONTROL REGISTER (ADDRESS = 0X01) .......................................................................................... 189
TABLE 33: THE RELATIONSHIP BETWEEN THE CONTENT OF BIT 3 (UNIPOLAR/BIPOLAR*) WITHIN THE UNI I/O CON-
TROL
REGISTER AND THE TRANSMIT DS3 FRAMER LINE INTERFACE OUTPUT MODE ................................ 189
Figure 68. Illustration of AMI Line Code ............................................................................................. 190
Figure 69. Illustration of two examples of B3ZS Encoding ................................................................. 190
I/O CONTROL REGISTER (ADDRESS = 0X01) .......................................................................................... 191
TABLE 34: THE RELATIONSHIP BETWEEN BIT 4 (AMI/B3ZS*) WITHIN THE I/O CONTROL REGISTER AND THE BI-
POLAR
LINE CODE THAT IS OUTPUT BY THE TRANSMIT DS3 LIU INTERFACE BLOCK ................................. 191
II/O CONTROL REGISTER (ADDRESS = 0X01) ......................................................................................... 191
TABLE 35: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 2 (TXLINECLK INV) WITHIN THE I/O CONTROL
REGISTER AND THE TXLINECLK CLOCK EDGE THAT TXPOS AND TXNEG ARE UPDATED ON ..................... 191
Figure 70. Waveform/Timing Relationship between TxLineClk, TxPOS and TxNEG - TxPOS and TxNEG
are configured to be updated on the rising edge of TxLineClk ............................................................ 192
Figure 71. Waveform/Timing Relationship between TxLineClk, TxPOS and TxNEG - TxPOS and TxNEG
are configured to be updated on the falling edge of TxLineClk ........................................................... 192
4.2.6 Transmit Section Interrupt Processing .................................................................................................. 192
BLOCK INTERRUPT ENABLE REGISTER (ADDRESS = 0X04) ..................................................................... 193
TRANSMIT DS3 FEAC CONFIGURATION & STATUS REGISTER (ADDRESS = 0X31) .................................. 193
TRANSMIT DS3 FEAC CONFIGURATION & STATUS REGISTER (ADDRESS = 0X31) .................................. 194
TXDS3 LAPD STATUS AND INTERRUPT REGISTER (ADDRESS = 0X34) ................................................... 194
TXDS3 LAPD STATUS AND INTERRUPT REGISTER (ADDRESS = 0X34) ................................................... 195
4.3 THE RECEIVE SECTION OF THE XRT72L52 (DS3 MODE OPERATION) ................................................................. 195
Figure 72. A Simple Illustration of the Receive Section of the XRT72L52, when it has been configured to
operate in the DS3 Mode .................................................................................................................... 195
4.3.1 The Receive DS3 LIU Interface Block ................................................................................................... 195
Figure 73. A Simple Illustration of the Receive DS3 LIU Interface Block ........................................... 196
Figure 74. Behavior of the RxPOS, RxNEG and RxLineClk signals during data reception of Unipolar Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com