Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0807 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR0807
Description  THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0807 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR0807 Datasheet HTML 1Page - ATMEL Corporation ATR0807 Datasheet HTML 2Page - ATMEL Corporation ATR0807 Datasheet HTML 3Page - ATMEL Corporation ATR0807 Datasheet HTML 4Page - ATMEL Corporation ATR0807 Datasheet HTML 5Page - ATMEL Corporation ATR0807 Datasheet HTML 6Page - ATMEL Corporation ATR0807 Datasheet HTML 7Page - ATMEL Corporation ATR0807 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ATR0807
4723CS–DVD–07/03
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
-0.5 to +6.0
V
Input voltage at any input
V
in
-0.5 to V
CC +0.5
V
Power dissipation
P
max
0.7
(1) to 1 (2)
W
Output voltage
V
out
-0.5 to V
CC -1
V
Junction temperature
T
j
150
°C
Storage temperature
T
stg
-65 to +125
°C
Notes:
1. R
thJA £ 115 K/W at Tamb = 70°C
2. R
thJA £ 115 K/W at Tamb = 25°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
115
(1)
K/W
Notes:
1. Measured with multi-layer test board (JEDEC standard)
Recommended Operating Conditions
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
4.5 to 5.5
V
Input current
I
IR, II2, II3
I
IR < 2.0, II2 = II3 < 1.5
mA
External resistor to GND to set oscillator
frequency
RF
> 3
k
W
External resistor to GND to set oscillator swing
RSA, RSB
> 1
k
W
Operating temperature range
T
amb
0 to +70
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com