Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NV-2GYV5-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 48NV-2GYV5-R
Description  Bargraph Indicators 48N Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NV-2GYV5-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  48NV-2GYV5-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NV-2GYV5-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NV-2GYV5-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NV-2GYV5-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NV-2GYV5-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NV-2GYV5-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NV-2GYV5-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NV-2GYV5-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MODEL: 48NV
48NV SPECIFICATIONS
ES-9438 Rev.13 Page 5/8
http://www.m-system.co.jp/
EXTERNAL VIEW
50
40
30
20
10
0
-10
-20
-30
-40
-50
m3/h
%
100
90
80
70
60
50
40
30
20
10
0
50
40
30
20
10
0
-10
-20
-30
-40
-50
m3/h
50
40
30
20
10
0
-10
-20
-30
-40
-50
m3/h
Input 1
Input 2
■ VERTICAL MOUNTING
• Bargraphs Code1: Single
• Bargraphs Code2: Dual
• Bargraphs Code1: Single
• Bargraphs Code2: Dual
■ HORIZONTAL MOUNTING
50
40
30
20
10
0
-10
-20
-30
-40
-50
m3/h
%
100
90
80
70
60
50
40
30
20
10
0
50
40
30
20
10
0
-10
-20
-30
-40
-50
0
-10
-20
-30
-40
-50
m3/h
50
40
30
20
10
m3/h
Input 1
Input 2
• Overrange Input
With an input below 0%, the low-end segment (0%) blinks.
With an input above 100%, all segments are on and
the high-end segment (100%) blinks.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com