Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NV-1BRV5-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 48NV-1BRV5-R
Description  Bargraph Indicators 48N Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NV-1BRV5-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  48NV-1BRV5-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NV-1BRV5-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NV-1BRV5-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NV-1BRV5-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NV-1BRV5-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NV-1BRV5-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NV-1BRV5-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NV-1BRV5-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODEL: 48NV
48NV SPECIFICATIONS
ES-9438 Rev.13 Page 1/8
http://www.m-system.co.jp/
Bargraph Indicators 48N Series
BARGRAPH INDICATOR
Functions & Features
• Displays two process variables in dual graphic bargraphs
of 101 LED segments
• Single and dual bargraphs
• IP65 front cover
• Scale plate is easily replaced
• Separable terminal block
50
40
30
20
10
0
10
20
30
40
50
m3/h
50
40
30
20
10
0
10
20
30
40
50
m3/h
144
(5.67)
36 (1.42)
103
(4.06)
mm (inch)
MODEL: 48NV–[1][2][3][4]–[5][6]
ORDERING INFORMATION
• Code number: 48NV-[1][2][3][4]-[5][6]
Specify a code from below for each [1] through [6].
(e.g. 48NV-2BBV4W-R/CE/D/Q)
• Special input range (For codes Z & 0)
• Bargraph scale (e.g. 0 – 100 %) (See ‘Scale Plate.’)
• Specify the specification for option code /Q
(e.g. /C01)
[1] BARGRAPHS
1: Single
2: Dual
[2] BAR LED COLOR
R: Red
Y: Amber
G: Green
B: Blue
Dual (left/right)
RR: Red / Red
YY: Amber / Amber
GG: Green / Green
BB: Blue / Blue
RY: Red / Amber
RG: Red / Green
RB: Red / Blue
YR: Amber / Red
YG: Amber / Green
YB: Amber / Blue
GR: Green / Red
GY: Green / Amber
GB: Green / Blue
BR: Blue / Red
BY: Blue / Amber
BG: Blue / Green
[3] MOUNTING DIRECTION
V: Vertical
H: Horizontal
[4] INPUT
Current
A: 4 – 20 mA DC (Input resistance 10 Ω)
B: 2 – 10 mA DC (Input resistance 20 Ω)
C: 1 – 5 mA DC (Input resistance 39 Ω)
D: 0 – 20 mA DC (Input resistance 10 Ω)
E: 0 – 16 mA DC (Input resistance 12 Ω)
F: 0 – 10 mA DC (Input resistance 20 Ω)
G: 0 – 1 mA DC (Input resistance 200 Ω)
H: 10 – 50 mA DC (Input resistance 5.1 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[5] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(CE not available)
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±15 %, ripple 10 %p-p max.)
[6] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE


Similar Part No. - 48NV-1BRV5-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48N003 ETC2-48N003 Datasheet
166Kb / 2P
This Drawing is the property of J.S.T.(U.K.) Ltd. it must not be copied or used for manufacturing without written permission from J.S.T.(U.K.)Ltd.
48N003V0 ETC2-48N003V0 Datasheet
166Kb / 2P
This Drawing is the property of J.S.T.(U.K.) Ltd. it must not be copied or used for manufacturing without written permission from J.S.T.(U.K.)Ltd.
48N303 ETC2-48N303 Datasheet
166Kb / 2P
This Drawing is the property of J.S.T.(U.K.) Ltd. it must not be copied or used for manufacturing without written permission from J.S.T.(U.K.)Ltd.
48N403 ETC2-48N403 Datasheet
166Kb / 2P
This Drawing is the property of J.S.T.(U.K.) Ltd. it must not be copied or used for manufacturing without written permission from J.S.T.(U.K.)Ltd.
48N503 ETC2-48N503 Datasheet
166Kb / 2P
This Drawing is the property of J.S.T.(U.K.) Ltd. it must not be copied or used for manufacturing without written permission from J.S.T.(U.K.)Ltd.
More results

Similar Description - 48NV-1BRV5-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
48NDVD MSYSTEM-48NDVD Datasheet
232Kb / 9P
Bargraph Indicators 48N Series
48NDVA MSYSTEM-48NDVA Datasheet
231Kb / 9P
Bargraph Indicators 48N Series
48NDV MSYSTEM-48NDV Datasheet
230Kb / 9P
Bargraph Indicators 48N Series
48NDT MSYSTEM-48NDT Datasheet
239Kb / 11P
Bargraph Indicators 48N Series
48NAVD MSYSTEM-48NAVD Datasheet
225Kb / 9P
Bargraph Indicators 48N Series
48NAVA MSYSTEM-48NAVA Datasheet
223Kb / 9P
Bargraph Indicators 48N Series
48NAV MSYSTEM-48NAV Datasheet
222Kb / 9P
Bargraph Indicators 48N Series
48NAT MSYSTEM-48NAT Datasheet
227Kb / 9P
Bargraph Indicators 48N Series
48NAR MSYSTEM-48NAR Datasheet
225Kb / 9P
Bargraph Indicators 48N Series
48NAM MSYSTEM-48NAM Datasheet
221Kb / 9P
Bargraph Indicators 48N Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com