Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1402-4-RV Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MP1402-4-RV
Description  RTD INPUT LIMIT ALARM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MP1402-4-RV Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MP1402-4-RV Datasheet HTML 1Page - M-System Co.,Ltd. MP1402-4-RV Datasheet HTML 2Page - M-System Co.,Ltd. MP1402-4-RV Datasheet HTML 3Page - M-System Co.,Ltd. MP1402-4-RV Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ES-9804 Rev.6
P. 3 / 4
BLOCK DIAGRAM
11
AMP
POWER
9
15
14
13
SP.SET DB
COM-
PAR
Z
S
1
2
–
+
+
+
–
NEU /
3
20
LATCH RESET
MP141X
LATCH RESET
16
4
MP14X2
5
6
7
SP POT CCW
SP POT W
SP POT CW
MP14X3
5
6
7
MP14X0
5
6
7
SP XMTR
XMTR COMMON
PROC XMTR
Option T
8
N.O.
COM.
N.C.
19
18
17 N.O.
COM.
N.C.
10
12
SP
SP
15
14
13
Option V
RELAY
DRIVE
RELAY
DRIVE
19
18
17
+
–
RTD HI
RTD LO
4
AMP
POWER
5
8
7
6
SP.SET DB
COM-
PAR
Z
S
+
HOT /
1
RTD
COMP
LEAD
2
–
NEU /
3
N.O.
COM.
N.C.
11
10
9 N.O.
COM.
N.C.
8
7
6
Option V
RELAY
DRIVE
RELAY
DRIVE
11
10
9
+
–
sSINGLE / LATCHING OUTPUT
•11-pin Base
•20-pin Base
11
AMP
POWER
9
15
14
13
SP.SET DB
COM-
PAR
Z
S
1
2
+
+
+
+
+
3
20
4
5
6
7
LO SP POT W
MP1422
LO SP POT CW
SP POTS CCW
HI SP POT W
MP1423
4
5
6
7
MP1420
4
5
6
7
8
HI SP POT CW
8
8
PROC XMTR
LO SP XMTR
HI SP XMTR
Option T
10
N.O.
COM.
N.C.
19
18
17 N.O.
COM.
N.C.
12
16
XMTR COMMON
6
LO SP
HI SP
SP
COMMON
15
14
13
Option V
RELAY
DRIVE
RELAY
DRIVE
19
18
17
–
+
4
AMP
POWER
5
8
7
6
SP.SET DB
COM-
PAR
Z
S
SP.SET DB
COM-
PAR
1
2
3
N.O.
LO
HI
HI
LO
COM.
N.C.
11
10
9 N.O.
COM.
N.C.
8
7
6
Option V
RELAY
DRIVE
RELAY
DRIVE
11
10
9
+
–
RELAY
DRIVE
RELAY
DRIVE
–
+
RELAY
DRIVE
RELAY
DRIVE
+
–
sDUAL OUTPUT
•11-pin Base
•20-pin Base
SP.SET DB
COM-
PAR
RTD HI
RTD LO
+
HOT /
RTD
COMP
LEAD
RTD HI
RTD LO
+
HOT /
RTD
COMP
LEAD
–
NEU /
–
NEU /
RTD HI
RTD LO
+
HOT /
RTD
COMP
LEAD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com