Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3564 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP3564
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise 24-Bit Delta-Sigma ADCs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3564 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP3564 Datasheet HTML 55Page - Microchip Technology MCP3564 Datasheet HTML 56Page - Microchip Technology MCP3564 Datasheet HTML 57Page - Microchip Technology MCP3564 Datasheet HTML 58Page - Microchip Technology MCP3564 Datasheet HTML 59Page - Microchip Technology MCP3564 Datasheet HTML 60Page - Microchip Technology MCP3564 Datasheet HTML 61Page - Microchip Technology MCP3564 Datasheet HTML 62Page - Microchip Technology MCP3564 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006181C-page 59
MCP3561/2/4
6.0
SPI SERIAL INTERFACE AND
DEVICE OPERATION
6.1
Overview
The MCP3561/2/4 devices use an SPI interface to read
and write the internal registers. The device includes a
four-wire (CS, SCK, SDI, SDO) serial SPI interface that
is compatible with SPI Modes 0,0 and 1,1. Data are
clocked out of the device on the falling edge of SCK
and data are clocked into the device on the rising edge
of SCK. In these modes, the SCK clock can Idle either
high (1,1) or low (0,0). The digital interface is asynchro-
nous with the MCLK clock that controls the ADC
sampling and digital filtering. All digital input pins are
Schmitt Triggered to avoid system noise perturbations
on the communications. The SPI interface is
maintained in a Reset state during POR.
Each SPI communication starts with a CS falling edge
and stops with the CS rising edge. Each SPI communi-
cation is independent. When CS is logic high, SDO is
in high-impedance, the transitions on SCK and SDI
have no effect. Changing from SPI Mode 1,1 to an SPI
Mode 0,0 and vice versa is possible and must be done
while the CS pin is logic high. Any CS rising edge clears
the communication and resets the SPI digital interface.
See Figure 1-1 for the SPI timing details.
The MCP3561/2/4 digital interface is capable of
handling various Continuous Read and Write modes,
which allows for ADC data streaming or full register
map writing within only one communication (and there-
fore, with only one unique command byte). It also
includes single byte Fast commands. The device does
not include a Master Reset pin, but it includes an SPI
Fast command to be able to fully reset the part at any
time and place it back in a default configuration.
The device family also includes advanced security
features to secure communication and alert users of
unwanted Write commands that change the desired
configuration. To secure the entire configuration, the
device includes an 8-bit lock code (LOCK[7:0]), which
blocks all Write commands to the full register map if the
value of the lock code is not equal to a defined pass-
word (0xA5). The user can protect its configuration by
changing the LOCK[7:0] value to 0x00 after full
programming, so that any unwanted Write command
will not result in a change in the configuration. Each SPI
read communication can be secured through a select-
able CRC-16 checksum provided on the SDO pin at the
end of every communication sequence. This checksum
computation is compatible with the DMA CRC hard-
ware of the PIC24 and PIC32 MCUs, as well as many
other MCU references, resulting in no additional
overhead for the added security.
Once the part is locked (write-protected), an additional
checksum calculation also runs continuously in the
background to ensure the integrity of the full register
map. All writable registers of the register map are
processed through a CRC-16 calculation engine and
give a CRC-16 checksum that depends on the con-
figuration. This checksum is readable from the CRC
register and updated when MCLK is running. If there is
a change in the checksum, a CRC interrupt generates
a flag to warn the user that the configuration has been
corrupted.
The MCP3561/2/4 devices also include additional digi-
tal signal pins, such as a dedicated IRQ interrupt output
pin and a Master Clock (MCLK) input/output pin, which
allow easier synchronization and faster interrupt
handling, facilitating the implementation of the device in
many different applications.
6.2
SPI Communication Structure
The MCP3561/2/4 interface has a simple communica-
tion structure. Every communication starts with a CS
falling edge and stops with a CS rising edge.
The communication is always started by the
COMMAND byte (eight bits) clocking on the SDI input.
The COMMAND byte defines the command that will be
executed by the digital interface. It includes the device
address,
the
register
address
bits
and
the
command-type bits.
The COMMAND byte is typically followed by data bytes
clocked on SDI if the command type is a write and on
SDO if the command type is a read. The COMMAND
byte can also define a Fast command, and in this case,
it is not followed by any other byte. The following sub-
sections detail the COMMAND byte structure and all
possible commands.
During the COMMAND byte clocking on SDI, a
STATUS byte is also propagated on the SDO output to
enable easy polling of the device status. During this time,
the interface is full-duplex, but the part can still be used
by MCUs handling only half-duplex communications if
the STATUS byte is ignored.
6.2.1
COMMAND BYTE STRUCTURE
The COMMAND byte fully defines the command that
will be executed by the part. This byte is divided into
three parts: the device address bits (CMD[7:6]), the
command
address
bits
(CMD[5:2])
and
the
command-type bits (CMD[1:0]). See Table 6-1.
TABLE 6-1:
COMMAND BYTE
CMD[7] CMD[6] CMD[5] CMD[4] CMD[3] CMD[2] CMD[1] CMD[0]
Device Address
Bits
Register Address/Fast Command
Bits
Command Type
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com