Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3461R Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP3461R
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461R Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP3461R Datasheet HTML 18Page - Microchip Technology MCP3461R Datasheet HTML 19Page - Microchip Technology MCP3461R Datasheet HTML 20Page - Microchip Technology MCP3461R Datasheet HTML 21Page - Microchip Technology MCP3461R Datasheet HTML 22Page - Microchip Technology MCP3461R Datasheet HTML 23Page - Microchip Technology MCP3461R Datasheet HTML 24Page - Microchip Technology MCP3461R Datasheet HTML 25Page - Microchip Technology MCP3461R Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 118 page
background image
MCP3461/2/4R
DS20006404C-page 22
 2020-2021 Microchip Technology Inc.
Note:
Unless otherwise indicated, AVDD = 3.3V, DVDD = 3.3V, TA = +25°C, MCLK = 4.9152 MHz, VIN = -0.5 dBFS
at 50 Hz, VREF = AVDD, ADC_MODE[1:0] = 11. All other registers are set to default value. Histogram ticks
are centered at their bin center.
FIGURE 2-43:
SINAD vs. AMCLK vs. AVDD.
FIGURE 2-44:
SINAD vs. Input Signal
Frequency.
FIGURE 2-45:
Offset Error vs. AVDD
(AZ_MUX = 0).
FIGURE 2-46:
Offset Error vs. Temperature
(AZ_MUX = 0).
FIGURE 2-47:
Offset Error vs. AVDD
(AZ_MUX = 1).
FIGURE 2-48:
Offset Error vs. Temperature
(AZ_MUX = 1).
70
75
80
85
90
95
100
015
20
5
10
MCLK Frequency (MHz)
BOOST=1x,
AVDD=2.7V
BOOST=1x,
AVDD=3.3V
BOOST=1x,
AVDD=3.6V
GAIN = 1x
0
20
40
60
80
100
120
Analog Input Signal Frequency (Hz)
OSR = 32
OSR = 64
OSR = 128
OSR = 256
-1400
-1200
-1000
-800
-600
-400
-200
0
2.7
3
3.3
3.6
AV
DD Supply Voltage (V)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
T
A = 25°C,
AZ_MUX = 0
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
-50
-25
0
25
50
75
100
125
Temperature (°C)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
AV
DD = 3.3V
AZ_MUX = 0
0
200
400
600
800
1,000
1,200
2.7
3
3.3
3.6
AV
DD Supply Voltage (V)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
T
A = 25°C,
AZ_MUX = 1
-1,000
-800
-600
-400
-200
0
200
400
600
800
1,000
-50
-25
0
255075
100
125
Temperature (°C)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
AV
DD = 3.3V
AZ_MUX = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com