Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464R Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP3464R
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464R Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP3464R Datasheet HTML 55Page - Microchip Technology MCP3464R Datasheet HTML 56Page - Microchip Technology MCP3464R Datasheet HTML 57Page - Microchip Technology MCP3464R Datasheet HTML 58Page - Microchip Technology MCP3464R Datasheet HTML 59Page - Microchip Technology MCP3464R Datasheet HTML 60Page - Microchip Technology MCP3464R Datasheet HTML 61Page - Microchip Technology MCP3464R Datasheet HTML 62Page - Microchip Technology MCP3464R Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 59
MCP3461/2/4R
5.14
Conversion Modes
The ADC includes several Conversion modes that can
be selected through the CONV_MODE[1:0] bits located
in the CONFIG3 register. The ADC behavior, with
respect to these bits, depends on whether the ADC is
in MUX or Scan mode. Table 5-14 summarizes the
possible configurations.
5.14.1
CONVERSION MODES IN MUX
MODE
In MUX mode, the user can choose between one-shot
and continuous conversions.
A one-shot conversion is a single conversion and takes
a certain Conversion Time, TCONV (or 2 x TCONV when
AZ_MUX = 1, see Section 5.1.3 “ADC Offset Cancel-
lation Algorithm”).
Once
this
conversion
is
performed, the part automatically returns to a Standby
or ADC
Shutdown
state,
depending
on
the
CONV_MODE[1:0] bits setting. The Conversion mode
determined by the CONV_MODE[1:0] bits setting will
also affect the state of the ADC_MODE[1:0] as
described in Table 5-14.
The conversion can be preceded by a start-up time that
depends on the ADC state (see Section 5.11 “ADC
Start-up Timer”). In One-Shot mode, the ADC data
have to be read completely with the SPI interface for
the interrupt to be cleared on the IRQ pin (the IRQ pin
cannot be automatically cleared like in the Continuous
Conversion mode).
This mode is recommended for low-power, low
bandwidth applications, requiring a once in a while A/D
conversion.
In Continuous Conversion mode, the ADC is never
placed in Standby or ADC Shutdown mode and con-
verts continuously without any internal Reset. In this
mode, the output data rate of the ADC is defined by
DRCLK (see Figure 5-5). The digital decimation filter
induces a pipeline or group delay of TCONV for the first
data ready and is structured to give a continuous
stream of data at the DRCLK rate after these first data
(the internal registers of the filter are never reset in this
mode, thus the decimation filter acts as a moving aver-
age). Each data ready interrupt corresponds to a valid
and complete conversion that was processed through
the digital filter (the digital filter has no latency in this
respect). This mode allows a faster data rate than the
One-Shot mode, and is therefore, recommended for
higher bandwidth applications. The pipeline delay
should be carefully determined and adapted to the user
needs, especially in closed-loop, low-latency applica-
tions. This mode is recommended for applications
requiring continuous sampling/averaging of the input
signals. If AZ_MUX = 1, the Continuous Conversion
mode is replaced by a series of subsequent One-Shot
mode conversions with a reset in between each
conversion. This makes the group delay equal to
2x TCONV and the data rate equal to 1/(2 x TCONV).
Figure 5-14 and Figure 5-15 detail One-Shot and
Continuous Conversion modes for MUX mode.
TABLE 5-14:
ADC CONVERSION MODES IN MUX OR SCAN MODES
CONV_MODE[1:0]
ADC Behavior (MUX Mode)
ADC Behavior
(Scan Mode)
ADC_MODE[1:0] Bits Setting
0x
Performs a one-shot conversion
and automatically returns to
ADC Shutdown mode.
Performs one complete
Scan cycle and
automatically returns to
ADC Shutdown mode.
Returns to ‘0x’ after one
conversion (MUX mode) or one
Scan cycle (Scan mode).
10
Performs a one-shot conversion
and automatically returns to
Standby mode.
Performs one complete
Scan cycle and
automatically returns to
Standby mode.
Returns to ‘10’ after one
conversion (MUX mode) or one
Scan cycle (Scan mode).
11
Performs continuous
conversions.
Performs continuous Scan
cycles with TIMER[23:0]
delay between each cycle.
Stays at ‘11’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com