Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3462R-E/ST Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP3462R-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462R-E/ST Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP3462R-E/ST Datasheet HTML 49Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 50Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 51Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 52Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 53Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 54Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 55Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 56Page - Microchip Technology MCP3462R-E/ST Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 53
MCP3461/2/4R
5.9
ADC Operating Modes
The ADC can be placed into three different operating
modes: ADC Shutdown, Standby and Conversion. The
ADC operating mode is controlled by the user through
the ADC_MODE[1:0] bits in the CONFIG0 register. The
user can directly launch conversions or place the ADC
into ADC Shutdown or Standby mode by writing these
bits. Additional Fast commands are available for each
of the three possible states of these bits to allow faster
programming in case of time-sensitive applications
(see Section 6.2.4 “Command-Type Bits (CMD[1:0])”).
Table 5-10 describes the available ADC_MODE[1:0]
bits setting.
The ADC_MODE[1:0] bits do not give an instantaneous
representation
of
the ADC
state.
Writing
the
ADC_MODE[1:0] bits sets the desired state of the ADC,
but this state is only attained after a start-up time depend-
ing on the current state of the ADC (see Section 5.11
“ADC Start-up Timer” for details about the start-up
timer). Typically, the device starts in ADC Shutdown
mode after a POR (ADC_MODE[1:0] = 00 by default). To
launch conversions in the desired configuration, the user
should program the part in the desired configuration and
then set the ADC_MODE[1:0] bits to ‘11’. In this case, the
first conversion will start after TADC_SETUP = 256 DMCLK
periods. This time is necessary for the part to adjust to the
new programmed settings and settle in to its operating
point to accurately convert the input signals.
Internally, the device tracks the current state of the
ADC, as well as the start-up timer counter, to be able to
optimize the start-up time depending on the desired
transitions and internal configurations required, and set
by the user.
In MUX mode, overwriting the ADC_MODE[1:0] bits to
‘11’ when the ADC is already in conversion resets and
restarts the current conversion immediately. The
conversion start pulse will also be regenerated if the
EN_STP bit is enabled.
In Scan mode (see Section 5.15 “Scan Mode”),
writing the ADC_MODE[1:0] bits to ‘11’ starts the
conversion Scan cycle. During the complete cycle,
even when the scan timer is enabled, reading the
ADC_MODE[1:0] bits gives a ‘11’ code output, mean-
ing that the Scan cycle is ongoing. Rewriting
ADC_MODE[1:0] = 11 during Scan mode will immedi-
ately reset and restart the entire Scan sequence from
the beginning of the sequence. The conversion start
pulse will also be regenerated if the EN_STP bit is
enabled. The restart of the Scan sequence may induce
a TADC_SETUP additional delay if the ADC is in ADC
Shutdown mode when the ADC_MODE bits are over-
written (this can happen if the ADC_MODE bits are
overwritten during the timer delay period, where the
ADC is placed into ADC Shutdown mode in between
two Scan cycles).
The ADCDATA register is always updated with the last
conversion results. The ADCDATA register cannot
provide incomplete conversion results. The A/D con-
version must be completed to be able to provide a
result in the ADCDATA register. Each end of conver-
sion generates a data ready interrupt on all three IRQ
mechanisms (see Section 6.8.1 “Conversion Data
Ready Interrupt”). The ADCDATA register is never
cleared when the device transitions from one mode to
another. The only way to clear the ADCDATA register is
a POR event or a Full Reset Fast command (see
Section 6.2.5 “Fast Commands Description”).
TABLE 5-10:
ADC OPERATING MODES DESCRIPTION
ADC_MODE[1:0]
ADC Mode
Description
11
Conversion
The ADC is placed into Conversion mode and consumes the specified
current. A/D conversions can be reset and restarted immediately once this
mode is effectively reached. This mode may be reached after a maximum of
TADC_SETUP time, depending of the current state of the ADC.
10
Standby
Conversions are stopped. ADC is placed into Reset but consumes almost
as much current as in Conversion mode. A/D conversions can start immedi-
ately once this mode is effectively reached. This mode may be reached after
a maximum of TADC_SETUP time, depending of the current state of the ADC.
0x
ADC Shutdown
Conversions are stopped. ADC is placed into ADC Shutdown mode and
does not consume any current. A/D conversions can only start after
TADC_SETUP start-up time. This mode is effective immediately after being
programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com