Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3461T-E/ST Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP3461T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3461T-E/ST Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP3461T-E/ST Datasheet HTML 59Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 60Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 61Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 62Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 63Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 64Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 65Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 66Page - Microchip Technology MCP3461T-E/ST Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 63
MCP3461/2/4
6.3
Writing to the Device
When the command type is “Incremental Write”
(CMD[1:0] = 10), the device enters Write mode and
starts writing the first data byte to the address given in
the CMD[5:2] bits.
After the STATUS byte has been transferred, SDO is
always in a High-Impedance state during an incremental
write communication. Writing to a read-only address
(such as addresses, 0x0 or 0xF) has no effect and does
not increment the Address Pointer. In this case, the
user needs to stop the communication and restart a
communication with a COMMAND byte pointing to a
writable address (0x1 to 0xD).
Each register is effectively written after receiving the
last bit for the register (SCK last rising edge). Any CS
rising edge during a write communication aborts the
current writing. In this case, the register being written
will not be updated and will keep its old value.
The registers may need 8, 16 or 24 bits to be effectively
written depending on their address (see Table 8-1). After
each register is written, the Address Pointer is automat-
ically incremented as long as CS stays logic low.
Attempted data writes to read-only registers will result in
the data byte being written to the next sequential writable
register/address in the register map. When the Address
Pointer reaches 0xD, the next register to write is the reg-
ister 0x1 (see Figure 6-4 for a graphical representation
of the address looping). The incremental write feature
can be used to fully configure the part by using a unique
communication, which can save time in the application.
This unique communication can end at address 0xD so
that the user can also lock the configuration when
written, providing additional security in the application
(see Section 6.6 “Locking/Unlocking Register Map
Write Access”).
Internal registers, located at addresses 0xB, 0xC and
0xE, should be kept to their default state at all times for
proper operation. These are reserved registers and
should not be modified.
Figure 6-5 and Figure 6-6 show an example of a write
communication in detail with a single register
incremental write communication.
FIGURE 6-4:
Incremental Write Loop.
CONFIG1 (0x2)
CONFIG2 (0x3)
CONFIG3 (0x4)
IRQ (0x5)
MUX (0x6)
SCAN (0x7)
TIMER (0x8)
OF FSETCAL (0x9)
GAINCAL (0xA)
Reserved (0xB)
Reserved (0xC)
LOCK (0xD)
Reserved (0xE)
CONFIG0 (0x1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com