Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4FMAF13 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # P4FMAF13
Description  SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

P4FMAF13 Datasheet(HTML) 3 Page - Rectron Semiconductor

  P4FMAF13 Datasheet HTML 1Page - Rectron Semiconductor P4FMAF13 Datasheet HTML 2Page - Rectron Semiconductor P4FMAF13 Datasheet HTML 3Page - Rectron Semiconductor P4FMAF13 Datasheet HTML 4Page - Rectron Semiconductor P4FMAF13 Datasheet HTML 5Page - Rectron Semiconductor P4FMAF13 Datasheet HTML 6Page - Rectron Semiconductor P4FMAF13 Datasheet HTML 7Page - Rectron Semiconductor P4FMAF13 Datasheet HTML 8Page - Rectron Semiconductor P4FMAF13 Datasheet HTML 9Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RECTRON
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60 Hz
50
40
30
20
10
0
1
10
100
8.3ms Single Half Sine-Wave
(JEDED Method) TJ = TJ max.
SURGE CURRENT UNIDIRECTIONAL
FIG. 5 - STEADY STATE POWER DERATING CURVE
TL, LEAD TEMPERATURE (
)
1.00
0.75
0.50
0.25
0
0
25
50
75
100
125
150
175
200
60Hz
Resistive or Inductive Load
RATING AND CHARACTERISTIC CURVES ( P4FMAF6.8 THRU P4FMAF400CA)
TJ = 25
FIG. 7 -TYPICAL REVERSE LEAKAGE
V(BR) BREAKDOWN VOLTAGE, VOLTS
100
10
1
0.1
0.01
0
100
200
300
400
600
Measured at Devices
Stand-off
Voltage, VWM
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com