Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1410-4-RX Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MP1410-4-RX
Description  RTD INPUT LIMIT ALARM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MP1410-4-RX Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MP1410-4-RX Datasheet HTML 1Page - M-System Co.,Ltd. MP1410-4-RX Datasheet HTML 2Page - M-System Co.,Ltd. MP1410-4-RX Datasheet HTML 3Page - M-System Co.,Ltd. MP1410-4-RX Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES-9804 Rev.6
MODEL
Limit Alarms M-PAC
MP1400-1423
Functions & Features
• Accepting 2- or 3-wire RTD inputs and providing
relay contact closure(s) at a preset input level •
Upscale burnout protection as standard •
Downscale or no burnout optional • Single, latch-
ing or dual setpoint • Failsafe operation available
• Deadband adjustable from 1 to 100% • Indicator
LED provided
Typical Applications
• Annunciator • Various alarm applications
MODEL & SUFFIX CODE SELECTION
ORDERING INFORMATION
Specify code number and variables.
•Code number (e.g. MP1400-4-F/T/V)
•Temperature range (e.g. 0 – 100
°C)
GENERAL SPECIFICATIONS
Construction: plug-in
Connection: M3.5 screw terminals on base socket
Housing material: flame-resistant resin (black)
Isolation:
input to output to power
(non-isolated between I/O with Option V)
Zero/span adjustments:
±5% (front)
Setpoint adjustments: front accessed three-turn
screwdriver, remote dial potentiometer
or DC input
Deadband adjustments: front accessed single-turn
screwdriver; 1 – 100%
Front LEDs: red lights turn on at a tripped condition
Burnout protection: upscale standard; downscale or
no burnout optional
Power ON timer: relays de-energized for approx. 2
seconds after power is turned on.
RTD INPUT LIMIT ALARM
P. 1 / 4
MP14uu–u–u/u
MODEL
INPUT TYPE
4 : RTD
RELAY CONTACT OUTPUT
0 : Single (Hi) trip, non-latching
1 : Single (Hi) trip, latching
2 : Dual (Hi/Lo) trip, non-latching
SETPOINT CONTROL
0 : Front-accessed three-turn screwdriver adjust.
2 : Remote dial connections (total resistance 1k – 100k
Ω)
3 : DC programmable (0 – 1V)
INPUT RTD (2- or 3-wire)
4 : Pt 100
Ω (DIN, IEC751)
0 : Specify
POWER INPUT
F : 120V AC
J : 240V AC
R : 24V DC
S : 12V DC
OPTIONS
H : Latching operation for dual trip (142X only);
Reset at power off (5 seconds min.)
R : Reversed relay sense
T : Transmitter output (0 – 1V DC)
V : Relay drive voltage output
X : Lo-trip sense for single trip; Lo/Lo for dual trip
Y : Hi/Hi-trip sense for dual trip (142X only)
M•PAC
LIMIT ALARM
SET 2
SET 1
SET 2
DEADBAND
SET 1
DEADBAND
SPAN
ZERO
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)


Similar Part No. - MP1410-4-RX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1410 ETC-MP1410 Datasheet
38Kb / 2P
The Compaq projector designed to fit any budget
logo
Monolithic Power System...
MP1410 MPS-MP1410 Datasheet
161Kb / 9P
2A Step-Down Switch-Mode Regulator
logo
Alpha Wire
MP14104KW ALPHAWIRE-MP14104KW Datasheet
411Kb / 4P
14 (41/30) AWG Bare Copper
MP14104LW ALPHAWIRE-MP14104LW Datasheet
411Kb / 4P
14 (41/30) AWG Bare Copper
MP14104RW ALPHAWIRE-MP14104RW Datasheet
411Kb / 4P
14 (41/30) AWG Bare Copper
More results

Similar Description - MP1410-4-RX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B34 AD-5B34 Datasheet
697Kb / 8P
Isolated Linearized RTD Input
7B34 AD-7B34 Datasheet
549Kb / 8P
Isolated, Linearized RTD Input
logo
Grayhill, Inc
73G-ITR100 GRAYHILL-73G-ITR100 Datasheet
125Kb / 2P
RTD Input Modules
logo
M-System Co.,Ltd.
MP1800-1823 MSYSTEM-MP1800-1823 Datasheet
87Kb / 4P
POTENTIOMETER INPUT LIMIT ALARM
MP1700-1723 MSYSTEM-MP1700-1723 Datasheet
87Kb / 4P
FREQUENCY INPUT LIMIT ALARM
MP1600-1623 MSYSTEM-MP1600-1623 Datasheet
87Kb / 4P
AC INPUT LIMIT ALARM
MP1200-1223 MSYSTEM-MP1200-1223 Datasheet
94Kb / 4P
THERMOCOUPLE INPUT LIMIT ALARM
MP1100-1123 MSYSTEM-MP1100-1123 Datasheet
61Kb / 4P
2-WIRE TRANSMITTER LIMIT ALARM
MP1000-1023 MSYSTEM-MP1000-1023 Datasheet
87Kb / 4P
DC INPUT LIMIT ALARM
R3-AR4 MSYSTEM-R3-AR4 Datasheet
134Kb / 4P
Remote I/O R3 Series RTD INPUT ALARM MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com