Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3850287 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 3850287
Description  Air preparation combination unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

3850287 Datasheet(HTML) 1 Page - Festo Corporation.

  3850287 Datasheet HTML 1Page - Festo Corporation. 3850287 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air preparation combination unit
MSE6-E2M-5000-FB33-AGD
Part number: 3850287
Data sheet
Feature
Value
Size
6
Type code
MSE6
Series
MSE
Mounting position
Horizontal +/- 5°
Valve function
2/2, open, monostable
Operating pressure
0.35 MPa ... 1 MPa
Operating pressure
3.5 bar ... 10 bar
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-10 °C ... 60 °C
Temperature of medium
0 °C ... 50 °C
Degree of protection
IP65
With plug socket
Ambient temperature
0 °C ... 50 °C
Product weight
3350 g
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Seals material
NBR
Housing material
Die-cast aluminum
Covering material
PA-reinforced
Cover material
PA-reinforced
Fieldbus interface
2x socket, M12x1, 4-pin, D-coded
Operating voltage range DC electronics/sensors
18 V ... 30 V
DC load voltage operating voltage range
18 V ... 26.4 V
Reverse polarity protection
for operating voltage connections
Displayable unit(s)
kPa
l
l/min
m3
mbar
psi
scf
scfm
Flow measuring range start value
50 l/min
7/14/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 3850287

ManufacturerPart #DatasheetDescription
logo
Lumberg
385020 LUMBERG-385020 Datasheet
107Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
More results

Similar Description - 3850287

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541432 FESTO-541432 Datasheet
93Kb / 1P
Air preparation combination unit
1/27/22
541433 FESTO-541433 Datasheet
93Kb / 1P
Air preparation combination unit
1/27/22
542280 FESTO-542280 Datasheet
93Kb / 1P
Air preparation combination unit
1/27/22
542293 FESTO-542293 Datasheet
113Kb / 2P
Air preparation combination unit
1/27/22
542294 FESTO-542294 Datasheet
106Kb / 1P
Air preparation combination unit
1/27/22
542298 FESTO-542298 Datasheet
94Kb / 1P
Air preparation combination unit
1/27/22
543552 FESTO-543552 Datasheet
104Kb / 1P
Air preparation combination unit
1/27/22
543560 FESTO-543560 Datasheet
114Kb / 2P
Air preparation combination unit
1/27/22
543563 FESTO-543563 Datasheet
112Kb / 1P
Air preparation combination unit
1/27/22
543566 FESTO-543566 Datasheet
109Kb / 1P
Air preparation combination unit
1/27/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com