Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP660T-E/ML Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP660T-E/ML
Description  60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP660T-E/ML Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP660T-E/ML Datasheet HTML 59Page - Microchip Technology MCP660T-E/ML Datasheet HTML 60Page - Microchip Technology MCP660T-E/ML Datasheet HTML 61Page - Microchip Technology MCP660T-E/ML Datasheet HTML 62Page - Microchip Technology MCP660T-E/ML Datasheet HTML 63Page - Microchip Technology MCP660T-E/ML Datasheet HTML 64Page - Microchip Technology MCP660T-E/ML Datasheet HTML 65Page - Microchip Technology MCP660T-E/ML Datasheet HTML 66Page - Microchip Technology MCP660T-E/ML Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
 2009-2014 Microchip Technology Inc.
DS20002194E-page 63
MCP660/1/2/3/4/5/9
APPENDIX A: REVISION HISTORY
Revision E (July 2014)
The following is the list of modifications:
1.
Updated the Features: list.
2.
Updated the Typical Application Circuit and
added the High Gain-Bandwidth Op Amp
Portfolio table in the Features: section.
3.
Updated Figures 4-6, 4-10 and 4-11.
4.
Updated
the
Section 6.0
“Packaging
Information”
and
Section 6.1
“Package
Marking Information” sections.
5.
Minor typographical changes.
Revision D (March 2012)
The following is the list of modifications:
Added the MSOP (8L) package for MCP662 and
all related information throughout the document.
Revision C (November 2011)
The following is the list of modifications:
1.
Added the SOT-23 (5L) and TDFN (8L) package
option for MCP661 and SOT-23 (6L) package
options for MCP663 and the related information
throughout the document. Updated Package
Types drawing with pin designation for each
new package.
2.
Updated the Temperature Specifications table to
show the temperature specifications for new
packages.
3.
Updated Table 3-1 to show all the pin functions.
4.
Updated
Section 6.0
“Packaging
Information” with markings for the new
additions. Added the corresponding SOT-23 (5L
and 6L) and 2x3 TDFN (8L) package options
and related information.
5.
Updated table description and examples in the
Product Identification System section.
Revision B (September 2011)
The following is the list of modifications:
1.
Added the MCP660, MCP664 and MCP669
amplifiers to the product family and the related
information throughout the document.
2.
Added the 4x4 QFN (16L) package option for
MCP660 and MCP669, SOIC and TSSOP (14L)
package options for MCP660 and MCP665 and
the
related
information
throughout
the
document. Updated the Package Types
drawing with pin designation for each new
package.
3.
Updated the Temperature Specifications table to
show the temperature specifications for new
packages.
4.
Updated Table 3-1 to show all the pin functions.
5.
Updated
Section 6.0
“Packaging
Information” with markings for the new
additions. Added the corresponding SOIC and
TSSOP (14L), and 4x4 QFN (16L) package
options and related information.
6.
Updated table description and examples in
Product Identification System.
Revision A (July 2009)
Original release of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com