Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FXBX4 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP48FXBX4
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FXBX4 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP48FXBX4 Datasheet HTML 45Page - Microchip Technology MCP48FXBX4 Datasheet HTML 46Page - Microchip Technology MCP48FXBX4 Datasheet HTML 47Page - Microchip Technology MCP48FXBX4 Datasheet HTML 48Page - Microchip Technology MCP48FXBX4 Datasheet HTML 49Page - Microchip Technology MCP48FXBX4 Datasheet HTML 50Page - Microchip Technology MCP48FXBX4 Datasheet HTML 51Page - Microchip Technology MCP48FXBX4 Datasheet HTML 52Page - Microchip Technology MCP48FXBX4 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 49
MCP48FXBX4/8
3.0
PIN DESCRIPTIONS
Overviews of the pin functions are provided in
Section 3.1 “Positive Power Supply Input Pin
(VDD)” through Section 3.10 “No Connect Pin (NC)”.
The descriptions of the pins for the quad DAC output
devices are listed in Table 3-1 and descriptions for the
octal DAC output devices are listed in Table 3-2.
TABLE 3-1:
MCP48FXBX4 (QUAD DAC) PIN FUNCTION TABLE
Pin
Description
20-Lead
TSSOP
20-Lead
VQFN
Symbol
I/O
Buffer
Type
119
LAT1
I
ST
DAC Register Latch Pin. The Latch 1 pin allows the value in the
volatile DAC1/DAC3 registers (wiper and Configuration bits) to
be transferred to the DAC1/DAC3 outputs (VOUT1, VOUT3).
220
VDD
—
P
Supply Voltage Pin
31
CS
I
ST
SPI Chip Select Pin
42
VREF0
A
Analog Voltage Reference Input 0 Pin
53
VOUT0
A
Analog Buffered Analog Voltage Output – Channel 0 Pin
64
VOUT2
A
Analog Buffered Analog Voltage Output – Channel 2 Pin
7, 8, 10,
11, 12, 13
5, 6, 8, 9,
10,11
NC
—
—
Not internally connected
97
VSS
—
P
Ground Reference Pin for all circuitries on the device
14
12
VOUT3
—
—
Buffered Analog Voltage Output – Channel 3 Pin
15
13
VOUT1
—
—
Buffered Analog Voltage Output – Channel 1 Pin
16
14
VREF1
A
Analog Voltage Reference Input 1 Pin
17
15
SDO
I
—
SPI Serial Data Output Pin
18
16
SCK
I
ST
SPI Serial Clock Pin
19
17
SDI
I
ST
SPI Serial Data Input Pin
20
18
LAT0/HVC
I
ST
DAC Register Latch/High-Voltage Command Pin. The Latch 0
pin allows the value in the volatile DAC0/DAC2 registers (wiper
and Configuration bits) to be transferred to the DAC0/DAC2
outputs (VOUT0, VOUT2). The High-Voltage Command (HVC)
allows user Configuration bits to be written.
—
21
EP
—
—
Exposed Thermal Pad Pin(1)
Note 1:
A = Analog, ST = Schmitt Trigger, HV = High Voltage, I = Input, O = Output, I/O = Input/Output,
P= Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com