Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB14 Datasheet(PDF) 95 Page - Microchip Technology

Part # MCP48FVB14
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB14 Datasheet(HTML) 95 Page - Microchip Technology

Back Button MCP48FVB14 Datasheet HTML 91Page - Microchip Technology MCP48FVB14 Datasheet HTML 92Page - Microchip Technology MCP48FVB14 Datasheet HTML 93Page - Microchip Technology MCP48FVB14 Datasheet HTML 94Page - Microchip Technology MCP48FVB14 Datasheet HTML 95Page - Microchip Technology MCP48FVB14 Datasheet HTML 96Page - Microchip Technology MCP48FVB14 Datasheet HTML 97Page - Microchip Technology MCP48FVB14 Datasheet HTML 98Page - Microchip Technology MCP48FVB14 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 95
MCP48FXBX4/8
Microchip Technology Drawing C04-139C (MQ) Sheet 2 of 2
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
20-Lead Plastic Quad Flat, No Lead Package (MQ) – 5x5x1.0 mm Body [VQFN]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Contact-to-Exposed Pad
Contact Width
Contact Length
0.35
L
K0.20
b0.25
0.40
-
0.30
0.45
-
0.35
MIN
Dimension Limits
Standoff
Contact Thickness
Number of Terminals
Overall Height
Pitch
0.00
A1
(A3)
e
A0.80
N
Units
MAX
NOM
0.05
0.02
0.20 REF
0.65 BSC
0.90
20
1.00
MILLIMETERS
3.35
3.25
3.15
Exposed Pad Length
D2
Overall Width
Exposed Pad Width
Overall Length
D
E2
3.15
E
3.25
5.00 BSC
5.00 BSC
3.35
With 0.40 mm Contact Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com