Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB18 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP48FVB18
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB18 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP48FVB18 Datasheet HTML 52Page - Microchip Technology MCP48FVB18 Datasheet HTML 53Page - Microchip Technology MCP48FVB18 Datasheet HTML 54Page - Microchip Technology MCP48FVB18 Datasheet HTML 55Page - Microchip Technology MCP48FVB18 Datasheet HTML 56Page - Microchip Technology MCP48FVB18 Datasheet HTML 57Page - Microchip Technology MCP48FVB18 Datasheet HTML 58Page - Microchip Technology MCP48FVB18 Datasheet HTML 59Page - Microchip Technology MCP48FVB18 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 56
 2020 Microchip Technology Inc.
TABLE 4-1:
MCP48FXBX4/8 MEMORY MAP
Function
Function
00h Volatile DAC0 Register
CL0
Y
Y
10h Nonvolatile DAC0 Register
DL0
Y
Y
01h Volatile DAC1 Register
CL1
Y
Y
11h
Nonvolatile DAC1 Register
DL1
Y
Y
02h Volatile DAC2 Register
CL2
Y
Y
12h Nonvolatile DAC2 Register
DL2
Y
Y
03h Volatile DAC3 Register
CL3
Y
Y
13h Nonvolatile DAC3 Register
DL3
Y
Y
04h Volatile DAC4 Register
CL4
—Y
14h Nonvolatile DAC4 Register
DL4
—Y
05h Volatile DAC5 Register
CL5
—Y
15h Nonvolatile DAC5 Register
DL5
—Y
06h Volatile DAC6 Register
CL6
—Y
16h Nonvolatile DAC6 Register
DL6
—Y
07h Volatile DAC7 Register
CL7
—Y
17h Nonvolatile DAC7 Register
DL7
—Y
08h VREF Register
—Y
Y
18h Nonvolatile VREF Register
—Y
Y
09h Power-Down Register
—Y
Y
19h Nonvolatile Power-Down
Register
—Y
Y
0Ah Gain and Status Register
—Y
Y
1Ah Nonvolatile Gain Register
—Y
Y
0Bh WiperLock™ Technology
Status Register
—Y
Y
1Bh Reserved
—
—
—
Volatile Memory Address Range
Nonvolatile Memory Address Range
Note 1:
Device Configuration memory bits require a high-voltage enable or disable command
(LATn = VIHH or CS = VIHH) to modify the bit value.
TABLE 4-2:
FACTORY DEFAULT POR/BOR VALUES
Function
POR/BOR Value
Function
POR/BOR Value
00h Volatile DAC0 Register
7Fh
1FFh
7FFh
10h Nonvolatile DAC0 Register
7Fh
1FFh
7FFh
01h Volatile DAC1 Register
7Fh
1FFh
7FFh
11h Nonvolatile DAC1 Register
7Fh
1FFh
7FFh
02h Volatile DAC2 Register
FFh
3FFh
FFFh
12h Nonvolatile DAC2 Register
FFh
3FFh
FFFh
03h Volatile DAC3 Register
FFh
3FFh
FFFh
13h Nonvolatile DAC3 Register
FFh
3FFh
FFFh
04h Volatile DAC4 Register
FFh
3FFh
FFFh
14h Nonvolatile DAC4 Register
FFh
3FFh
FFFh
05h Volatile DAC5 Register
FFh
3FFh
FFFh
15h Nonvolatile DAC5 Register
FFh
3FFh
FFFh
06h Volatile DAC6 Register
FFh
3FFh
FFFh
16h Nonvolatile DAC6 Register
FFh
3FFh
FFFh
07h Volatile DAC7 Register
FFh
3FFh
FFFh
17h Nonvolatile DAC7 Register
FFh
3FFh
FFFh
08h VREF Register
0000h 0000h 0000h
18h Nonvolatile VREF Register
0000h 0000h 0000h
09h Power-Down Register
0000h 0000h 0000h
19h Nonvolatile Power-Down
Register
0000h 0000h 0000h
0Ah Gain and Status Register
0080h0080h0080h
1Ah Nonvolatile Gain Register
0000h 0000h 0000h
0Bh WiperLock™ Technology
Status Register
0000h 0000h 0000h
1Bh Reserved(1)
—
—
—
Volatile Memory address range
Nonvolatile Memory address range
Note 1:
Reading a reserved memory location results in the SPI command error condition. The SDO pin will output all
‘0’s. Forcing the CS pin to the VIH state will reset the SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com