Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB18 Datasheet(PDF) 109 Page - Microchip Technology

Part # MCP48FVB18
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB18 Datasheet(HTML) 109 Page - Microchip Technology

Back Button MCP48FVB18 Datasheet HTML 104Page - Microchip Technology MCP48FVB18 Datasheet HTML 105Page - Microchip Technology MCP48FVB18 Datasheet HTML 106Page - Microchip Technology MCP48FVB18 Datasheet HTML 107Page - Microchip Technology MCP48FVB18 Datasheet HTML 108Page - Microchip Technology MCP48FVB18 Datasheet HTML 109Page - Microchip Technology MCP48FVB18 Datasheet HTML 110Page - Microchip Technology MCP48FVB18 Datasheet HTML 111Page - Microchip Technology MCP48FVB18 Datasheet HTML 112Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 109 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 109
MCP48FXBX4/8
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP48FXB0X: Quad/Octal-Channel, 8-Bit DAC
with SPI Interface
MCP48FXB1X: Quad/Octal-Channel, 10-Bit DAC
with SPI Interface
MCP48FXB2X: Quad/Octal-Channel, 12-Bit DAC
with SPI Interface
Tape and Reel:
T
= Tape and Reel
Blank = Tube
Pin Count:
20-Lead
Temperature
Range:
E
= -40°C to +125°C (Extended)
Package:
MQ
= Plastic Quad Flat, No Lead Package (VQFN),
5x5 mm, 20-Lead
ST
= Plastic Thin Shrink Small Outline
Package (TSSOP), 20-Lead
Examples:
a) MCP48FEB04-E/MQ:
Quad-Channel, 8-Bit Nonvolatile
DAC, Extended Temperature,
20-Lead VQFN.
b) MCP48FEB08T-E/MQ:
Octal-Channel, 8-Bit Nonvolatile
DAC, Tape and Reel, Extended
Temperature, 20-Lead VQFN.
c) MCP48FEB18-20E/ST:
Octal-Channel, 10-Bit Nonvolatile
DAC, Extended Temperature,
20-Lead TSSOP.
d) MCP48FEB18T-20E/ST: Octal-Channel, 10-Bit Nonvolatile
DAC, Tape and Reel, Extended
Temperature, 20-Lead TSSOP.
e) MCP48FVB28-E/MQ:
Octal-Channel, 12-Bit Volatile
DAC, Extended Temperature,
20-Lead VQFN.
f) MCP48FVB28T-E/MQ:
Octal-Channel, 12-Bit Volatile
DAC, Tape and Reel, Extended
Temperature, 20-Lead VQFN.
PART NO.
X
XX
Pin
Temperature
Range
Device
/XX
Package
Count
X
Tape and
Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com