Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP000Z Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BMP000Z
Description  Magnetic Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BMP000Z Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BMP000Z Datasheet HTML 1Page - Balluff Korea Ltd. BMP000Z Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Magnetic Sensors
BMP 01-ZLZPP21A-0128-00-P00,5-S4
Order Code: BMP000Z
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-04
Subject to change without notice: 270144
ETIM 6.0: EC002544
BMP000Z_0.5_2021-05-20
2 / 2
IO-Link
IO-Link Profil IDs
0x000B SSP3.2
0x4000 Identification and
Diagnosis
IO-Link function classes
0x8001 Binary Data Channel
0x8004 Teach Commands
Supported IO-Link Profiles
Common Profile
Smart Sensor Profile - Measuring
Device
Material
Housing material
PA 12
Aluminum
Material jacket
PUR
Mechanical data
Dimension
17.5 x 9.6 x 138 mm
Tightening torque max.
0.1 Nm
Output/Interface
Interface
IO-Link 1.1
SIO mode
yes
Range/Distance
Measuring range
128 mm
Non-linearity typ.
±250 µm
Repeat accuracy
± 100 µm
Resolution
≤ 1 µm
Sampling rate max.
1 kHz
Temperature drift max. from end
value
±0.3 %
Remarks
Please refer to manual.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com