Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF147J/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF147J/883
Description  WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF147J/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF147J/883 Datasheet HTML 1Page - National Semiconductor (TI) LF147J/883 Datasheet HTML 2Page - National Semiconductor (TI) LF147J/883 Datasheet HTML 3Page - National Semiconductor (TI) LF147J/883 Datasheet HTML 4Page - National Semiconductor (TI) LF147J/883 Datasheet HTML 5Page - National Semiconductor (TI) LF147J/883 Datasheet HTML 6Page - National Semiconductor (TI) LF147J/883 Datasheet HTML 7Page - National Semiconductor (TI) LF147J/883 Datasheet HTML 8Page - National Semiconductor (TI) LF147J/883 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Original Creation Date: 02/08/95
Last Update Date: 11/23/98
Last Major Revision Date: 02/08/95
MNLF147-X REV 0A2
MICROCIRCUIT DATA SHEET
WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
General Description
The LF147 is a low cost, high speed quad JFET input operational amplifier with an
internally trimmed input offset voltage (BI-FET II[TM] technology). The device requires a
low supply current and yet maintains a large gain bandwidth product and a fast slew rate.
In addition, well matched high voltage JFET input devices provide very low input bias and
offset currents. The LF147 is pin compatible with the standard LM148. This feature allows
designers to immediately upgrade the overall performance of existing LF148 and LM124
designs.
The LF147 may be used in applications such as high speed integrators, fast D/A converters,
sample-and-hold circuits and many other circuits requiring low input bias current, high
input impedance, high slew rate and wide bandwidth. The device has low noise and offset
voltage drift.
NS Part Numbers
LF147J/883
Industry Part Number
LF147
Prime Die
LF147
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-833 , Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - LF147J/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF147J/883 NSC-LF147J/883 Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Texas Instruments
LF147J/883 TI1-LF147J/883 Datasheet
839Kb / 18P
LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
More results

Similar Description - LF147J/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147JAN TI1-LF147JAN Datasheet
837Kb / 18P
LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
LF147QML TI1-LF147QML Datasheet
839Kb / 18P
LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
LF147 TI1-LF147 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_V01 Datasheet
1Mb / 20P
LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com