Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3316F Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC3316F
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC3316F Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC3316F Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC3316F
80
(1). Inductance tolerance for 1.0uH~3.3uH:
±30%, for 4.7uH~1000uH: ±20%. Tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC3316F-1R0
1.0
100KHZ
9m
9.0
9.80
SC3316F-1R5
1.5
100KHZ
10m
8.0
9.20
SC3316F-2R2
2.2
100KHZ
13m
7.0
7.00
SC3316F 3R3
3.3
100KHZ
15m
6.4
6.50
SC3316F-4R7
4.7
100KHZ
18m
5.4
5.60
SC3316F-6R8
6.8
100KHZ
27m
4.6
4.50
SC3316F-100
10
100KHZ
38m
3.8
3.90
SC3316F-150
15
100KHZ
56m
3.0
3.10
SC3316F-220
22
100KHZ
85m
2.6
2.70
SC3316F-330
33
100KHZ
0.10
2.0
2.10
SC3316F-470
47
100KHZ
0.16
1.6
1.80
SC3316F-680
68
100KHZ
0.22
1.4
1.50
SC3316F-101
100
100KHZ
0.28
1.2
1.30
SC3316F-151
150
100KHZ
0.40
1.0
1.00
SC3316F-221
220
100KHZ
0.61
0.8
0.80
SC3316F-331
330
100KHZ
1.02
0.6
0.68
SC3316F-471
470
100KHZ
1.27
0.5
0.60
SC3316F-681
680
100KHZ
2.20
0.4
0.42
SC3316F-102
1000
100KHZ
3.00
0.3
0.34
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
MARKING
XXX
100
1000
100
1000
10000
BC3316F I nduct ance decr ease by cur r ent
100000
DC cur r ent ( mA)
10
1
10
0. 1
102
220
1R0
10000
BC3316F Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
8000
12000
2000
4000
6000
14000
10000
16000
0
18000
102
220
1R0
SC3316F Inductance decrease by current
DC current (mA)
DC current (mA)
SC3316F Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC3316F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC3316FH BEL-SC3316FH Datasheet
772Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316FH-1R0 BEL-SC3316FH-1R0 Datasheet
772Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316FH-1R5 BEL-SC3316FH-1R5 Datasheet
772Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316FH-2R2 BEL-SC3316FH-2R2 Datasheet
772Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3316FH-2R7 BEL-SC3316FH-2R7 Datasheet
772Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC3316F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com