Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA02A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TA02A
Description  2 Lead Molded TO - 220 NS Package Number TA02A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TA02A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TA02A Datasheet HTML 1Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
June 1993
2 Lead Molded TO-220
NS Package Number TA02A
All dimensions are in inches (millimeters)
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax a49 (0) 180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2308
Arlington TX 76017
Email europesupport nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel a49 (0) 180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel a49 (0) 180-532 78 32
Hong Kong
Fran ais Tel a49 (0) 180-532 93 58
Tel (852) 2737-1600
http
www nationalcom
Italiano
Tel a49 (0) 180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Similar Part No. - TA02A

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TA02 SWITCH-TA02 Datasheet
390Kb / 1P
An extensive range of premium quality, problem solving adapters including 1/4, XLR, RCA, DMX, BNC, 75/110 Ohm, impedance matching transformers, and much more.
logo
Transcom, Inc.
TA020-040-37-35 TRANSCOM-TA020-040-37-35 Datasheet
51Kb / 2P
2.0 ??4.0 GHz 36dBm Amplifiers
TA020-040-42-38 TRANSCOM-TA020-040-42-38 Datasheet
72Kb / 2P
2.0 ??4.0 GHz 38dBm Amplifiers
TA020-060-00-16 TRANSCOM-TA020-060-00-16 Datasheet
108Kb / 2P
2 - 6 GHz 16 dBm Limiting Amplifier
TA020-060-11-10 TRANSCOM-TA020-060-11-10 Datasheet
72Kb / 2P
2 ~ 6GHz 10dBm Low Noise Amplifier
More results

Similar Description - TA02A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CERPACK NSC-CERPACK Datasheet
350Kb / 10P
10 Lead Cerpack NS Package Number W10A
W14B NSC-W14B Datasheet
62Kb / 1P
14 Lead Ceramic Flatpack NS Package Number W14B
MTC16 NSC-MTC16 Datasheet
70Kb / 1P
16 Lead Molded Thin Shrink Small Outline Package, JEDEC NS Package Number MTC16
Z03B NSC-Z03B Datasheet
63Kb / 1P
3 Lead Molded TO-92 NS Package Number Z03B
V68A NSC-V68A Datasheet
59Kb / 1P
68 Lead Molded Plastic Leaded Chip Carrier NS Package Number V68A
TA12A NSC-TA12A Datasheet
54Kb / 1P
12 Lead Molded TO-220 NS Package Number TA12A
R03C NSC-R03C Datasheet
58Kb / 1P
3 Lead Molded TO-237 NS Package
TA11C NSC-TA11C Datasheet
59Kb / 1P
11 Lead Molded TO-220 NS Package
TA03A NSC-TA03A Datasheet
59Kb / 1P
3 Lead Molded TO-220 NS Package Number
P03B NSC-P03B Datasheet
59Kb / 1P
3 Lead Molded TO-202 NS Package Number P03B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com