Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRHA2010AF1000MFNET Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRHA2010AF1000MFNET
Description  Thick Film Chip Resistors, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRHA2010AF1000MFNET Datasheet(HTML) 3 Page - Vishay Siliconix

  CRHA2010AF1000MFNET Datasheet HTML 1Page - Vishay Siliconix CRHA2010AF1000MFNET Datasheet HTML 2Page - Vishay Siliconix CRHA2010AF1000MFNET Datasheet HTML 3Page - Vishay Siliconix CRHA2010AF1000MFNET Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CRHA
www.vishay.com
Vishay Techno
Revision: 19-May-2021
3
Document Number: 68048
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Due to the high values and small case size, it is recommended the 1206 case size parts be potted for electrical isolation from high humidity
conditions
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST RESULTS (TYPICAL TEST LOTS)
Thermal shock
-55 °C to +150 °C, 1000 cycles,
15 min at each extreme
± (1.0 % + 0.05
Ω)
High temperature exposure
2000 h at +125 °C
± (1.0 % + 0.05
Ω)
Bias humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± (1.0 % + 0.05
Ω) (1)
Mechanical shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.05
Ω)
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min,
3 directions, 12 h
± (0.5 % + 0.05
Ω)
Load life
1000 h at rated power, +70 °C,
1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.05
Ω)
Resistance to solder heat
+260 °C solder, 10 s to 12 s dwell,
25 mm/s emergence
± (1.0 % + 0.05
Ω)
Moisture resistance
MIL-STD-202, method 106, 0 % power,
7a and 7b not required
± (1.0 % + 0.05
Ω)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com