Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRHA2510AF1000MFNET Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRHA2510AF1000MFNET
Description  Thick Film Chip Resistors, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRHA2510AF1000MFNET Datasheet(HTML) 1 Page - Vishay Siliconix

  CRHA2510AF1000MFNET Datasheet HTML 1Page - Vishay Siliconix CRHA2510AF1000MFNET Datasheet HTML 2Page - Vishay Siliconix CRHA2510AF1000MFNET Datasheet HTML 3Page - Vishay Siliconix CRHA2510AF1000MFNET Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CRHA
www.vishay.com
Vishay Techno
Revision: 19-May-2021
1
Document Number: 68048
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Chip Resistors, High Voltage
LINKS TO ADDITIONAL RESOURCES
FEATURES
• AEC-Q200 qualified
• High voltage up to 3000 V
• Automatic placement capability
• Tape and reel packaging available
• Termination style: 3-sided wraparound termination
• Internationally standardized sizes
• Termination material: solder-coated nickel barrier
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less
(2) Resistance values are calibrated at 100 VDC. Calibration at other voltages available upon request
(3) Reference only: not for all values specified. Consult factory for your size and value
Note
• For additional information on packaging, refer to the Surface Mount Resistor Packaging document (www.vishay.com/doc?31543)
333
DDD3 D
3D Models
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
CASE
SIZE
POWER RATING
P70 °C
W
MAXIMUM
WORKING
VOLTAGE (1)
V
RESISTANCE
RANGE (2)
Ω
TOLERANCE
± %
TEMPERATURE
COEFFICIENT (3)
(-55 °C to +155 °C)
± ppm/°C
CRHA1206
1206
0.30
1500
2M to 100M
1, 2, 5, 10, 20
100
CRHA1210
1210
0.45
1750
4M to 100M
1, 2, 5, 10, 20
100
CRHA2010
2010
0.50
2000
6M to 100M
1, 2, 5, 10, 20
100
CRHA2510
2510
0.60
2500
10M to 500M
1, 2, 5, 10, 20
100
CRHA2512
2512
1.0
3000
10M to 500M
1, 2, 5, 10, 20
100
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: CRHA1206AF100MFKFB
GLOBAL
MODEL
SIZE
TERMINAL
STYLE
TERMINAL
MATERIAL
RESISTANCE
VALUE
TOLERANCE
TCR
SOLDER
TERMINATION
PACKAGING
CRHA
1206
1210
2010
2510
2512
A
= 3-sided
F
= nickel
barrier
M
= M
Ω
4M70
= 4.7 M
Ω
10M0
= 10 M
Ω
F
= ± 1 %
G
= ± 2 %
J
= ± 5 %
K
= ± 10 %
M
= ± 20 %
K
= 100 ppm
L
= 150 ppm
N
= 200 ppm
R
= 250 ppm
M
= 300 ppm
W
= 350 ppm
P
= 500 ppm
E
= Sn100
B
= bulk
(250 pcs max.)
F
= T/R
(full reel)
1
= T/R
(1000 pcs)
5
= T/R
(500 pcs)
T
= T/R
(250 pcs min.)
P x R
A1
2
0
A
F
1
6
RH
00
M
B
C
K
F
F


Similar Part No. - CRHA2510AF1000MFNET

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRHA VISHAY-CRHA Datasheet
98Kb / 4P
Thick Film Chip Resistors, High Voltage
19-May-2021
CRHA1206AF100MFKFB VISHAY-CRHA1206AF100MFKFB Datasheet
98Kb / 4P
Thick Film Chip Resistors, High Voltage
19-May-2021
CRHA1210AF51M0FKEF VISHAY-CRHA1210AF51M0FKEF Datasheet
155Kb / 3P
Thick Film Chip Resistors, High Voltage
04-Sep-2020
CRHA VISHAY-CRHA_V01 Datasheet
98Kb / 4P
Thick Film Chip Resistors, High Voltage
19-May-2021
More results

Similar Description - CRHA2510AF1000MFNET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RH10FTN4993 ETC-RH10FTN4993 Datasheet
725Kb / 9P
Thick Film High Voltage Chip Resistors
HVTK02 ETC-HVTK02 Datasheet
1Mb / 2P
HIGH VOLTAGE THICK FILM CHIP RESISTORS
logo
Vishay Siliconix
CRHV VISHAY-CRHV Datasheet
87Kb / 4P
Thick Film Chip Resistors, High Voltage
02-Oct-14
CRHV VISHAY-CRHV_15 Datasheet
87Kb / 4P
Thick Film Chip Resistors, High Voltage
02-Oct-14
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRMV VISHAY-CRMV Datasheet
143Kb / 4P
Thick Film Chip Resistors, High Voltage
19-May-2021
CRHP VISHAY-CRHP Datasheet
101Kb / 4P
Thick Film Chip Resistors, High Voltage
19-May-2021
logo
Bourns Electronic Solut...
CHV-0603A BOURNS-CHV-0603A Datasheet
723Kb / 5P
Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRHA VISHAY-CRHA_V01 Datasheet
98Kb / 4P
Thick Film Chip Resistors, High Voltage
19-May-2021
CRMA VISHAY-CRMA_V01 Datasheet
141Kb / 4P
Thick Film Chip Resistors, High Voltage
03-Jun-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com