Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRHA2512AF1000MFNET Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRHA2512AF1000MFNET
Description  Thick Film Chip Resistors, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRHA2512AF1000MFNET Datasheet(HTML) 2 Page - Vishay Siliconix

  CRHA2512AF1000MFNET Datasheet HTML 1Page - Vishay Siliconix CRHA2512AF1000MFNET Datasheet HTML 2Page - Vishay Siliconix CRHA2512AF1000MFNET Datasheet HTML 3Page - Vishay Siliconix CRHA2512AF1000MFNET Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CRHA
www.vishay.com
Vishay Techno
Revision: 19-May-2021
2
Document Number: 68048
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Reference only: not for all values specified. Consult factory for
your size and value
MECHANICAL SPECIFICATIONS
Resistive element
Ruthenium oxide
Encapsulation
Glass
Substrate
96 % alumina
Termination
Nickel barrier (standard)
Solder finish
Pure tin
ENVIRONMENTAL SPECIFICATIONS
Operating temperature
-55 °C to +155 °C
Life
Less than 1.0 % change when
tested at full rated power
Short time overload
Less than 0.5 %
ΔR
DERATING CURVE
10
100
1000
10000
0
20
40
60
80
100
120
-55
-25
0
25
50
100 125
175
Axis Title
Ambient Temperature (°C)
70
155
VOLTAGE COEFFICIENT OF RESISTANCE CHART
SIZE
VALUE (
Ω)
VCR (ppm/V)
CRHA1206
2M to 100M
25
CRHA1210
4M to 100M
25
CRHA2010
6M to 100M
15
CRHA2510
10M to 99M
10
100M to 500M
15
CRHA2512
10M to 500M
10
DIMENSIONS in inches (millimeters)
MODEL
LENGTH (L)
± 0.006 (0.152)
WIDTH (W)
± 0.006 (0.152)
THICKNESS (T)
± 0.004 (0.102)
CRHA1206
0.125
0.063
0.025
CRHA1210
0.125
0.100
0.025
CRHA2010
0.200
0.100
0.025
CRHA2510
0.250
0.100
0.025
CRHA2512
0.250
0.126
0.025
0.025 (0.635)
max.
L
T
W
Termination Style A
(3-sided wraparound)
W
T
L
Termination Style B
(top conductor only)
0.025 (0.635)
max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com