Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDL23 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # 2EDL23
Description  600 V Half Bridge Gate Driver with OCP and Integrated Bootstrap Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2EDL23 Datasheet(HTML) 2 Page - Infineon Technologies AG

  2EDL23 Datasheet HTML 1Page - Infineon Technologies AG 2EDL23 Datasheet HTML 2Page - Infineon Technologies AG 2EDL23 Datasheet HTML 3Page - Infineon Technologies AG 2EDL23 Datasheet HTML 4Page - Infineon Technologies AG 2EDL23 Datasheet HTML 5Page - Infineon Technologies AG 2EDL23 Datasheet HTML 6Page - Infineon Technologies AG 2EDL23 Datasheet HTML 7Page - Infineon Technologies AG 2EDL23 Datasheet HTML 8Page - Infineon Technologies AG 2EDL23 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2EDL23 family Datasheet
2 of 21
Version 2.7
www.infineon.com/gdHalfBridge
2020-07-07
2EDL23 family
600 V Half Bridge Gate Driver with Integrated Bootstrap Diode (BSD)
Ordering information
Ordering information
Sales Name
Special function
output
current
Target
transistor
typ. Level Shift
UVLO thresholds
Bootstrap
diode
Package Evaluation board
2EDL23I06PJ
Deadtime, Interlock,
Enable, Fault, Over
Current Protection
2.3 A
IGBT
12.5 V / 11.6 V
Yes
DSO-14
EVAL-2EDL23I06PJ
2EDL23N06PJ
2.3 A
MOSFET
9.1 V / 8.3 V
Yes
DSO-14
EVAL-2EDL23N06PJ
Table of contents
Features ........................................................................................................................................ 1
Product summary........................................................................................................................... 1
Package......................................................................................................................................... 1
Potential applications..................................................................................................................... 1
Product validation.......................................................................................................................... 1
Description .................................................................................................................................... 1
Ordering information...................................................................................................................... 2
Table of contents............................................................................................................................ 2
1
Block diagram........................................................................................................................ 3
2
Lead definitions ..................................................................................................................... 3
3
Functional description............................................................................................................ 4
3.1
Low Side and High Side Control Pins (LIN, HIN).....................................................................................4
3.1.1
Input voltage range............................................................................................................................4
3.1.2
Switching levels..................................................................................................................................4
3.1.3
Input filter time ..................................................................................................................................4
3.2
VDD, GND and PGND (Low Side Supply).................................................................................................4
3.3
VB and VS (High Side Supplies)...............................................................................................................5
3.4
LO and HO (Low and High Side Outputs) ...............................................................................................5
3.5
Undervoltage lockout (UVLO).................................................................................................................5
3.6
Bootstrap diode (BSD) ............................................................................................................................5
3.7
Deadtime and interlock function............................................................................................................6
3.8
EN-/FLT (fault indication and enable function) .....................................................................................6
3.9
Power ground / over current protection ................................................................................................6
3.10
Tolerant to negative transient voltage on VS pin (-VS)..........................................................................7
4
Electrical parameters ............................................................................................................10
4.1
Absolute maximum ratings...................................................................................................................10
4.2
Required operation conditions.............................................................................................................11
4.3
Operating Range....................................................................................................................................11
4.4
Static logic function table.....................................................................................................................12
4.5
Static parameters..................................................................................................................................12
4.6
Dynamic parameters.............................................................................................................................14
5
Timing diagrams ...................................................................................................................15
6
Package information .............................................................................................................18
7
Qualification information.......................................................................................................19
8
Related products...................................................................................................................19
Revision history.............................................................................................................................20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com