Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH343I Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH343I
Description  280MHz Single - Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343I Datasheet(HTML) 3 Page - STMicroelectronics

  TSH343I Datasheet HTML 1Page - STMicroelectronics TSH343I Datasheet HTML 2Page - STMicroelectronics TSH343I Datasheet HTML 3Page - STMicroelectronics TSH343I Datasheet HTML 4Page - STMicroelectronics TSH343I Datasheet HTML 5Page - STMicroelectronics TSH343I Datasheet HTML 6Page - STMicroelectronics TSH343I Datasheet HTML 7Page - STMicroelectronics TSH343I Datasheet HTML 8Page - STMicroelectronics TSH343I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TSH343
Electrical Characteristics
Rev. 2
3/14
2
Electrical Characteristics
Table 3.
VCC = +5V Single Supply, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC Performance
VDC
Input DC shift
RL = 150Ω, Tamb
0.4
0.6
0.8
mV
-40°C < Tamb < +85°C
0.53
Iib
Input Bias Current
Tamb , input to GND
18.2
35
µA
-40°C < Tamb < +85°C
20.7
Rin
Input Resistance
Tamb
4G
Ω
Cin
Input Capacitance
Tamb
1pF
ICC
Supply Current per Buffer
no Load, input to GND
14.4
18
mA
-40°C < Tamb < +85°C
14.9
PSRR
Power Supply Rejection Ratio
20 log (
∆Vout/∆VCC)
(see
Figure 25 and Figure 26)
input to GND, F = 1MHz
CLF=470nF
CHF=100uF
70
dB
G
DC Voltage Gain
RL = 150Ω, Vin = 1V
1.92
1.99
2.05
V/V
DG
Variation of the DC Voltage Gain
between inputs of 0.3V and 1V
Input step from 0.3V to 1V
0.26
0.8
%
MG1
Gain Matching between 3 channels
Input = 1V
0.5
2
%
MG0.3
Gain Matching between 3 channels
Input = 0.3V
0.5
2
%
Dynamic Performance and Output Characteristics
Bw
-3dB Bandwidth
Small Signal Vout = 20mVp
RL = 150Ω
160
280
MHz
Gain Flatness @ 0.1dB
Small Signal Vout = 20mVp
RL = 150Ω
65
FPBW
Full Power Bandwidth
Vout =2Vp-p, VICM =0.5V,
RL = 150Ω
130
200
MHz
D
Delay between each channel
(see
Figure 30)
0 to 30MHz
0.5
ns
SR
Slew Rate (1)
Input step from 0V to 1V,
RL = 150Ω
500
780
V/
µs
VOH
High Level Output Voltage
Vin DC = +1.5V, RL =150Ω
3.7
3.9
V
VOL
Low Level Output Voltage
RL = 150Ω
40
mV
IOUT
Output Current
Vout =2V, Tamb
45
90
mA
-40°C < Tamb <+85°C
82
Output Short Circuit Current (Isource)
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com