Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1122-U2-SH Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MP1122-U2-SH
Description  DC INPUT LIMIT ALARM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MP1122-U2-SH Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MP1122-U2-SH Datasheet HTML 1Page - M-System Co.,Ltd. MP1122-U2-SH Datasheet HTML 2Page - M-System Co.,Ltd. MP1122-U2-SH Datasheet HTML 3Page - M-System Co.,Ltd. MP1122-U2-SH Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MP1000-1023
ES-9801 Rev.6
Specifications subject to change without notice.
INPUT & OUTPUT
sINPUT
•DC Current: input resistor incorporated
Input resistance: For resistance values other than
listed below, specify when ordering.
Input
Input Resistance
4 – 20mA
: 250 (
Ω)
2 – 10mA
: 500
1 – 5mA
: 1000
0 – 20mA
: 50
0 – 16mA
: 62.5
0 – 10mA
: 100
0 – 1mA
: 1000
10 – 50mA
: 100
•DC Voltage: -300 – +300V DC
Minimum span: 10mV
Zero suppression/elevation: max. 1.5 times span
Input resistance
Input Span
Input Resistance
10 – 100mV
: 10k (
Ω minimum)
0.1 – 1V
: 100k
≥1V
: 1M
sREMOTE SETPOINT INPUT
MP10X2:
potentiometer; any value of 1k – 100k
Ω;
excitation 4V
MP10X3:
0 – 1V DC
sRELAY CONTACT OUTPUT
•Single/Latching: isolated DPDT relay; de-energized
at trip
•Dual:
isolated SPDT relay; energized at trip
Rating:
120V AC @3A (cosø=1)
30V DC @3A (resistive load)
Relay life
Electrical: 105 cycles
Mechanical: 107 cycles
For maximum relay life with inductive
loads, external protection is recommended.
sVOLTAGE OUTPUT (Option V): 24V DC average;
Drives 1.2k
Ω or greater coil impedance
sTRANSMITTER OUTPUT (Option T): 0 – 1V DC;
1mA max. (setpoint and process input)
INSTALLATION
Power input
AC:
rating
±10%, 50/60 ±2 Hz, approx. 2VA
DC:
rating
±10% (ripple 10% p-p max.)
80mA at 24V, 160mA at 12V
Operating temperature: -5 to +60
°C (23 to 140°F)
Storage temperature: -20 to +85
°C (-5 to +185°F)
Operating humidity: 30 to 90% RH (non-condensing)
Mounting: surface (DIN rail available for 11-pin base)
Dimensions
11-pin base: W50
×H80×D132 mm
(1.97"
×3.15"×5.20")
See General Spec. Sheet Figure A.
20-pin base: W80
×H101×D136 mm
(3.15"
×3.98"×5.35")
See General Spec. Sheet Figure B.
Weight:
400 g (0.88 lbs)
PERFORMANCE in percentage of span
Repeatability:
±0.2%
Temp. coefficient:
±0.05%/°C (±0.027%/°F)
Response time: 100 milliseconds, typical
Common mode rejection
60 Hz:
greater than 120 dB
DC:
greater than 140 dB
Line voltage effect:
±0.1% over voltage range
Insulation resistance:
≥100MΩ with 500V DC
Dielectric strength: 1000V AC @1 minute
(input to output to power)
2000V AC @1 minute (output to ground)
P. 2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com