Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS290 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS290
Description  Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS290 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS290 Datasheet HTML 1Page - Integrated Circuit Systems ICS290 Datasheet HTML 2Page - Integrated Circuit Systems ICS290 Datasheet HTML 3Page - Integrated Circuit Systems ICS290 Datasheet HTML 4Page - Integrated Circuit Systems ICS290 Datasheet HTML 5Page - Integrated Circuit Systems ICS290 Datasheet HTML 6Page - Integrated Circuit Systems ICS290 Datasheet HTML 7Page - Integrated Circuit Systems ICS290 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
MDS 290 C
4
Revision 062305
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS290
PRELIMINARY INFORMATION
effective average frequency is equal to the target
frequency. In applications where the clock is driving a
component with a maximum frequency rating, down
spread should be applied. In this case, the maximum
frequency, including modulation, is the target
frequency. The effective average frequency is less than
the target frequency.
The ICS290 operates in both center spread and down
spread modes. For center spread, the frequency can
be modulated between ±0.125% to ±2.0%. For down
spread, the frequency can be modulated between
-0.25% to -4.0%.
Both output frequency banks will utilize identical spread
spectrum percentage deviations and modulation rates,
if a common VCO frequency can be identified.
Spread Spectrum Modulation Rate
The spread spectrum modulation frequency applied to
the output clock frequency may occur at a variety of
rates. For applications requiring the driving of
“down-circuit” PLLs, Zero Delay Buffers, or those
adhering to PCI standards, the spread spectrum
modulation rate should be set to 30-33 kHz. For other
applications, a 120 kHz modulation option is available.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS290. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Storage Temperature
-65
150
°C
Soldering Temperature
Max 10 seconds
260
°C
Junction Temperature
125
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (ICS290GP)
0
+70
°C
Ambient Operating Temperature (ICS290GIP)
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.135
+3.3
+3.465
V
Power Supply Ramp Time
4
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com