Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS290PGILF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS290PGILF
Description  Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS290PGILF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS290PGILF Datasheet HTML 1Page - Integrated Circuit Systems ICS290PGILF Datasheet HTML 2Page - Integrated Circuit Systems ICS290PGILF Datasheet HTML 3Page - Integrated Circuit Systems ICS290PGILF Datasheet HTML 4Page - Integrated Circuit Systems ICS290PGILF Datasheet HTML 5Page - Integrated Circuit Systems ICS290PGILF Datasheet HTML 6Page - Integrated Circuit Systems ICS290PGILF Datasheet HTML 7Page - Integrated Circuit Systems ICS290PGILF Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
MDS 290 C
2
Revision 062305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS290
PRELIMINARY INFORMATION
Pin Assignment
Pin Descriptions
13
4
12
5
11
VDD
8
9
10
GND
CLK3
CLK7
CLK1
CLK4
CLK8
17
16
CLK5
3
S1
GND
S2
18
PDTS
1
X1/ICLK
S0
VDD
20
X2
19
14
2
7
GND
CLK2
VDD
CLK6
15
6
20 pin (173 mil) TSSOP
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
GND
Power
Connect to ground.
2
S0
Input
Select pin 0. Internal pull-up resistor.
3
S1
Input
Select pin 1. Internal pull-up resistor.
4VDD
Power
Connect to +3.3 V.
5
CLK1
Output
Output clock 1. Weak internal pull-down when tri-state.
6
CLK2
Output
Output clock 2. Weak internal pull-down when tri-state.
7
CLK3
Output
Output clock 3. Weak internal pull-down when tri-state.
8
CLK4
Output
Output clock 4. Weak internal pull-down when tri-state.
9
GND
Power
Connect to ground.
10
X1/ICLK
XI
Crystal input. Connect this pin to a crystal or external input clock.
11
X2
XO
Crystal Output. Connect this pin to a crystal. Float for clock input.
12
VDD
Power
Connect to +3.3 V.
13
CLK5
Output
Output clock 5. Weak internal pull-down when tri-state.
14
CLK6
Output
Output clock 6. Weak internal pull-down when tri-state.
15
CLK7
Output
Output clock 7. Weak internal pull-down when tri-state.
16
CLK8
Output
Output clock 8. Weak internal pull-down when tri-state.
17
GND
Power
Connect to ground.
18
PDTS
Input
Power-down tri-state. Powers down entire chip and tri-states clock outputs
when low. Internal pull-up resistor.
19
VDD
Power
Connect to +3.3 V.
20
S2
Input
Select pin 2. Internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com