Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH1RT Datasheet(PDF) 13 Page - ATMEL Corporation

Part # MH1RT
Description  Radiation Tolerant 0.35 um CMOS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MH1RT Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button MH1RT Datasheet HTML 9Page - ATMEL Corporation MH1RT Datasheet HTML 10Page - ATMEL Corporation MH1RT Datasheet HTML 11Page - ATMEL Corporation MH1RT Datasheet HTML 12Page - ATMEL Corporation MH1RT Datasheet HTML 13Page - ATMEL Corporation MH1RT Datasheet HTML 14Page - ATMEL Corporation MH1RT Datasheet HTML 15Page - ATMEL Corporation MH1RT Datasheet HTML 16Page - ATMEL Corporation MH1RT Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MH1RT QualPack
Rev.2 – Jan. 2002
13
4.4 Product Qualification
4.4.1 Device reliability
This section summarizes the cumulated qualification data of the MH1RT products.
Lots
Device Type/
Technology
Test Description
Step
Result
Comment
E03624A
EV29
MH1RT test
vehicle
ESD
1000V
2000V
3000V
4000V
0/3
0/3
0/3
0/3
E03624A
EV29
MH1RT test
vehicle
Latch-up:
Supply overvoltage
Power injection
1.5*Vcc
50mW
0/5
0/5
E03624A
EV29
MH1RT test
vehicle
Package:
Side Braze 28
Operating Life Test
12h
500h
1000h
2000h
0/45
0/45
0/45
0/45
A00422B
65609E
1MBIT SRAM
SB32
Operating Life Test
0105h
0500h
1000h
2000h
0/45
0/45
0/45
0/45
A00650B
DRAF
MH1242
MQFPF 256
Operating Life Test
12h
80h
500h
1000h
2000h
0/10
0/10
0/10
0/10
0/10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com