Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC82X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC82X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC82X Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC82X Datasheet HTML 1Page - NXP Semiconductors LPC82X Datasheet HTML 2Page - NXP Semiconductors LPC82X Datasheet HTML 3Page - NXP Semiconductors LPC82X Datasheet HTML 4Page - NXP Semiconductors LPC82X Datasheet HTML 5Page - NXP Semiconductors LPC82X Datasheet HTML 6Page - NXP Semiconductors LPC82X Datasheet HTML 7Page - NXP Semiconductors LPC82X Datasheet HTML 8Page - NXP Semiconductors LPC82X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
LPC82x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.4 — 19 March 2021
2 of 82
NXP Semiconductors
LPC82x
32-bit ARM Cortex-M0+ microcontroller
High-current sink driver (20 mA) on two true open-drain pins.
GPIO interrupt generation capability with boolean pattern-matching feature on
eight GPIO inputs.
Switch matrix for flexible configuration of each I/O pin function.
CRC engine.
DMA with 18 channels and 9 trigger inputs.
Timers:
State Configurable Timer (SCTimer/PWM) with input and output functions
(including capture and match) for timing and PWM applications. Each
SCTimer/PWM input is multiplexed to allow selecting from several input sources
such as pins, ADC interrupt, or comparator output.
Four channel Multi-Rate Timer (MRT) for repetitive interrupt generation at up to
four programmable, fixed rates.
Self-Wake-up Timer (WKT) clocked from either the IRC, a low-power,
low-frequency internal oscillator, or an external clock input in the always-on power
domain.
Windowed Watchdog timer (WWDT).
Analog peripherals:
One 12-bit ADC with up to 12 input channels with multiple internal and external
trigger inputs and with sample rates of up to 1.2 Msamples/s. The ADC supports
two independent conversion sequences.
Comparator with four input pins and external or internal reference voltage.
Serial peripherals:
Three USART interfaces with pin functions assigned through the switch matrix and
one common fractional baud rate generator.
Two SPI controllers with pin functions assigned through the switch matrix.
Four I2C-bus interfaces. One I2C supports Fast-mode Plus with 1 Mbit/s data rates
on two true open-drain pins and listen mode. Three I2Cs support data rates up to
400 kbit/s on standard digital pins.
Clock generation:
12 MHz internal RC oscillator trimmed to 1.5 % accuracy that can optionally be
used as a system clock.
Crystal oscillator with an operating range of 1 MHz to 25 MHz.
Programmable watchdog oscillator with a frequency range of 9.4 kHz to 2.3 MHz.
PLL allows CPU operation up to the maximum CPU rate without the need for a
high-frequency crystal. May be run from the system oscillator, the external clock
input, or the internal RC oscillator.
Clock output function with divider that can reflect all internal clock sources.
Power control:
Power consumption in active mode as low as 90 uA/MHz in low-current mode
using the IRC as the clock source.
Integrated PMU (Power Management Unit) to minimize power consumption.
Reduced power modes: Sleep mode, Deep-sleep mode, Power-down mode, and
Deep power-down mode.
Wake-up from Deep-sleep and Power-down modes on activity on USART, SPI, and
I2C peripherals.
Timer-controlled self wake-up from Deep power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com