Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1028A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LS1028A
Description  Converged Industrial Networking for Industry 4.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1028A Datasheet(HTML) 2 Page - NXP Semiconductors

  LS1028A Datasheet HTML 1Page - NXP Semiconductors LS1028A Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.nxp.com/LS1028A
NXP and the NXP logo are trademarks of NXP B.V. All other product or service names are the property of their respective owners.
© 2019 NXP B.V.
Date of Release: February 2019
Document Number: LS1028ARDBFS REV 0
BOARD HARDWARE FEATURES
Processor
LS1028A SoC with two 32-/64-bit
Cortex® v8-A72 CPUs running at up to
1.3 GHz
Memory
4 GB DDR4 SDRAM soldered down
memory
32-bit DDR4 bus with data rates up to
1600 MT/sec
Supports double-bit error detection
and single-bit error correction ECC
(4-bit check word across 32-bit data)
Storage
8 GB eMMC 5.0
Full size SD card slot
512 MB QSPI NAND flash
256 MB XSPI NOR flash
Ethernet
One RJ45 connector for 1 Gbps
Ethernet with TSN and 1588 (SGMII)
Four RJ45 connectors for 1 Gbps
Ethernet switch with TSN and 1588
(QSGMII)
USB
One USB 3.0 connected to a Type A
connector
One USB 3.0 connected to a Type C
connector
PCI Express and SATA
Two M.2 type E slots with PCIe x1 (Gen
1/2/3)
One M.2 type B slot with SATA 3.0
(resistor mux with one type E slot)
Basic Peripherals and Interconnect
One DisplayPort interface
Two CAN interfaces connected to
DB9M connectors
Two RS232 interfaces connected to
DB9M connectors
One 3.5 mm audio out interface
Expansion
Two MikroBUS™ sockets
HARDWARE KIT CONTENTS
The LS1028ARDB hardware kit contains:
A LS1028ARDB board with enclosure
12 VDC power supply
Universal power adaptor
USB Serial Converter – USB A Male -
DB9 Female
USB Cable USB C Male – USB A
Female
Ethernet Cable – RJ45 – RJ45 straight
through wiring
Serial Cable – DB9 Female – DB9
Female
SD Card 16 GB
SOFTWARE ENABLEMENT
Time-sensitive networking drives a need
for real-time processing. The LS1028A
supports various real-time operating
systems (RTOSs). Open Industrial Linux
provides real-time performance with
Xenomai Linux, and application software
for configuring and managing the TSN
features on the LS1028A.
Another trend is toward smartphone-
inspired man-machine interfaces. For
that reason, the LS1028A integrates
a GPU and LCD controller. Moreover,
securing the industrial IoT is a paramount
concern for manufacturers. The NXP
Trust Architecture is designed to help
OEMs and their customers secure their
platforms and prevent them from running
unauthorized software. Secure boot is
available with the Layerscape SDK with
reference source code.
Boot Loader
– Boot from SPI NOR, SPI NAND, SD
Card, eMMC
– uboot
– UEFI
– Secure boot support
Linux®
– Layerscape SDK
– Open Industrial Linux® SDK with
support for Real-Time applications
Tools
– CodeWarrior Development Software
for Arm® v8 64-bit based Layerscape
Series Processors
– GNU tool chain
LS1028ARDB BLOCK DIAGRAM
LS1028ARDB BLOCK DIAGRAM
2x Click Modules
MikroBUS™
Layerscape®
LS1028A
DDR
4 GB of 32-bit 1600 MTPS DDR4
8 GB eMMC
SDHC
PCIe
TSN GE
VR500 PMIC
12 VDC
Power Cir
Clocking
RJ45
RJ45
USB Type C
DB9
DB9
3.5 mm Audio
EEPROM
JTAG
COP
I2C
DUART
PHY
SGMII
QSGMII
Quad PHY
GE TSN Switch
PCIe
x1
x1
USB 3.0
USB 3.0
SATA
DP
DisplayPort
CAN
DB9
DB9
XSPI
512 MB QSPI NAND
SD Card Slot
SDHC
256 MB XSPI NOR
USB Type A
SAI



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com