Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5T-CTB1S/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5T-CTB1S/Q
Description  Remote I/O R5 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5T-CTB1S/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5T-CTB1S/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5T-CTB1S/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5T-CTB1S/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R5T-CTB
R5T-CTB SPECIFICATIONS
ES-7555 Rev.3 Page 2/3
http://www.m-system.co.jp/
PERFORMANCE
Conversion accuracy: ±0.5 % (at 5 – 100 % input) except
the sensor accuracy
Data range: Engineering unit value × 100 (binary without
sign)
Data allocation: 1 (2 for 2-channel type)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
EXTERNAL VIEW
RUN
3
2
6
5
RUN LED
1
Input 1
Input 2
2 3 4 5 6 7 8
■ SIDE VIEW
■ FRONT VIEW
INPUT DATA DESCRIPTIONS
■ ANALOG DATA (AC CURRENT DATA.)
0
15
16-bit binary data.
Integer obtained by multiplying unit value (A) by 100.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com